Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STYN1025S Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STYN1025S
Description  Discrete Thyristors(SCRs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN1025S Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STYN1025S Datasheet HTML 1Page - Sirectifier Semiconductors STYN1025S Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN225(S) thru STYN1025(S)
Discrete Thyristors(SCRs)
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
STANDARD
THERMAL RESISTANCES
Symbol
Test Conditions
TYNx08(S)
Unit
IGT
VD = 12 V
RL = 33 W
MIN.
4
mA
MAX.
40
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kW
Tj = 125°C
MIN.
0.2
V
IH
IT = 500mA
Gate open
MAX.
50
mA
IL
IG = 1.2 IGT
MAX.
90
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 125°C
MIN.
1000
V/µs
VTM
ITM = 16 A tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125° C
MAX.
0.77
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
14
mW
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
4
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
1.0
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-220AB
60
°C/W
S = 1.0 cm ²
45
S= copper surface under tab
TO-263
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Package
x25
40 mA
TO-220AB
200~~1000
200~~1000
STYN x25S
40 mA
TO-263
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
0.5 g
50
Tube
S T Y N x25
S T Y N x25
2.3 g
250
B ulk
STYN x25S
S T Y N
STYN x25S


Similar Part No. - STYN1025S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN1008 SIRECTIFIER-STYN1008 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STYN1008S SIRECTIFIER-STYN1008S Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STYN1008 SIRECTIFIER-STYN1008_16 Datasheet
324Kb / 2P
   Thyristor Discretes(SCRs)
logo
List of Unclassifed Man...
STYN1010 ETC1-STYN1010 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN1010 SIRECTIFIER-STYN1010 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
More results

Similar Description - STYN1025S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN230 SIRECTIFIER-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN1030 SIRECTIFIER-STYN1030 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN212 SIRECTIFIER-STYN212 Datasheet
180Kb / 2P
   Discrete Thyristors(SCRs)
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
   Discrete Thyristors(SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com