Electronic Components Datasheet Search |
|
PF48F4400P0PFQ0 Datasheet(PDF) 1 Page - Numonyx B.V |
|
PF48F4400P0PFQ0 Datasheet(HTML) 1 Page - Numonyx B.V |
1 / 139 page Order Number: 309823-11 April 2008 Numonyx™ StrataFlash® Cellular Memory (M18) Datasheet Product Features High-Performance Read, Program and Erase — 96 ns initial read access — 108 MHz with zero wait-state synchronous burst reads: 7 ns clock-to-data output — 133 MHz with zero wait-state synchronous burst reads: 5.5 ns clock-to-data output — 8-, 16-, and continuous-word synchronous-burst Reads — Programmable WAIT configuration — Customer-configurable output driver impedance — Buffered Programming: 2.0 µs/Word (typ), 512-Mbit 65 nm; Block Erase: 0.9 s per block (typ) — 20 µs (typ) program/erase suspend Architecture — 16-bit wide data bus — Multi-Level Cell Technology — Symmetrically-Blocked Array Architecture — 256-Kbyte Erase Blocks — 1-Gbit device: Eight 128-Mbit partitions — 512-Mbit device: Eight 64-Mbit partitions — 256-Mbit device: Eight 32-Mbit partitions. — 128-Mbit device: Eight 16-Mbit partitions. — Read-While-Program and Read-While-Erase — Status Register for partition/device status — Blank Check feature Quality and Reliability — Expanded temperature: –30 °C to +85 °C — Minimum 100,000 erase cycles per block — ETOX™ X Process Technology (65 nm) — ETOX™ IX Process Technology (90 nm) Power — Core voltage: 1.7 V - 2.0 V — I/O voltage: 1.7 V - 2.0 V — Standby current: 60 µA (typ) for 512-Mbit, 65 nm — Deep Power-Down mode: 2 µA (typ) — Automatic Power Savings mode — 16-word synchronous-burst read current: 23 mA (typ) @ 108 MHz; 24 mA (typ) @ 133 MHz Software — Numonyx™ Flash Data Integrator (Numonyx™ FDI) optimized — Basic Command Set and Extended Command Set compatible — Common Flash Interface Security — OTP Registers: 64 unique pre-programmed bits 2112 user-programmable bits — Absolute write protection with VPP = GND — Power-transition erase/program lockout — Individual zero-latency block locking — Individual block lock-down Density and Packaging — Density: 128-, 256-, and 512-Mbit, and 1- Gbit — Address-data multiplexed and non- multiplexed interfaces — x16D (105-ball) Flash SCSP — x16C (107-ball) Flash SCSP — 0.8 mm pitch lead-free solder-ball |
Similar Part No. - PF48F4400P0PFQ0 |
|
Similar Description - PF48F4400P0PFQ0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |