Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW032AZA Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58LW032AZA
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032AZA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58LW032AZA Datasheet HTML 3Page - STMicroelectronics M58LW032AZA Datasheet HTML 4Page - STMicroelectronics M58LW032AZA Datasheet HTML 5Page - STMicroelectronics M58LW032AZA Datasheet HTML 6Page - STMicroelectronics M58LW032AZA Datasheet HTML 7Page - STMicroelectronics M58LW032AZA Datasheet HTML 8Page - STMicroelectronics M58LW032AZA Datasheet HTML 9Page - STMicroelectronics M58LW032AZA Datasheet HTML 10Page - STMicroelectronics M58LW032AZA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7/61
M58LW032A
Figure 2. Logic Diagram
Table 1. Signal Names
AI04320
21
A1-A21
W
DQ0-DQ15
VDD
M58LW032A
E
VSS
16
G
RP
L
VDDQ
K
R
VPP
VSSQ
RB
A1-A21
Address inputs
DQ0-DQ15
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
K
Clock
L
Latch Enable
R
Valid Data Ready
RB
Ready/Busy
RP
Reset/Power-Down
VPP
Program/Erase Enable
W
Write Enable
VDD
Supply Voltage
VDDQ
Input/Output Supply Voltage
VSS
Ground
VSSQ
Input/Output Ground
NC
Not Connected Internally
DU
Do Not Use


Similar Part No. - M58LW032AZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C110N1 STMICROELECTRONICS-M58LW032C110N1 Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C110N1E STMICROELECTRONICS-M58LW032C110N1E Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C110N1F STMICROELECTRONICS-M58LW032C110N1F Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C110N1T STMICROELECTRONICS-M58LW032C110N1T Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
More results

Similar Description - M58LW032AZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
   32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash??Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com