Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII300N12 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SII300N12
Description  NPT IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SII300N12 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SII300N12 Datasheet HTML 1Page - Sirectifier Semiconductors SII300N12 Datasheet HTML 2Page - Sirectifier Semiconductors SII300N12 Datasheet HTML 3Page - Sirectifier Semiconductors SII300N12 Datasheet HTML 4Page - Sirectifier Semiconductors SII300N12 Datasheet HTML 5Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPT IGBT Modules
SirectifierR
SII300N12
Characteristics
Symbol
Conditions
min.
typ.
max.
Units
IGBT Wechselrichter/ IGBT Inverter
VGEth
VGE = VCE, IC =12mA
4.5
5.5
6.5
V
ICES
VGE = 0; VCE = 1200V
5
mA
IGES
400
nA
RGint
1.0
VCE(sat)
IC =300A; VGE = 15V; Tj = 25(125)
oC
2.1(2.4)
2.6(2.9)
V
Cies
under following conditions
21
VGE = 0, VCE = 25V, f = 1MHz
tP
under following conditions:
td(on)
VCE = 600V, IC = 300A
110(120)
ns
tr
RGon = RGoff =3.3 , , Tj = 25(125)
oC
60(70)
ns
td(off)
VGE = ± 15V
550(570)
ns
tf
70(80)
ns
Eon(Eoff)
35(36)
mJ
Diode Wechselrichter/ Diode Inverter
VF
IF = 300A; VGE = 0V; Tj = 25(125)
oC
1.8(1.7)
2.3(2.2)
V
IRM
IF = 300A; Tj = 25(125)
oC
350(420)
A
Qr
-di/dt = 5400A/us
uC
Erec
VGE = -15V, VR=600V
mJ
Modul/ module
RthCH
IC = 15A; VGE = 15V; Tj = 25(125)
oC
1.7(2.0)
2.15
V
LsCE
VCE=VGE, IC=0.5mA
6.5
V
RCC'+EE'
f=1MHz, VCE=25V, VGE=0V
1.1
Mechanical Data
Ms
to heatsink M6
Nm
Mt
to terminals M5
Nm
w
g
TC = 25
oC, unless otherwise specified
nF
28(58)
VCE=0; VGE=20V
Tj = 25(125)
oC, LS = 60nH
under following condition
9(21)
under following conditions
5.0
5.8
nF
Cres
1.4
RthJC
RthCH
0.05
0.03
K/W
QG
Isc
VGE = -15V...+15V
3.2
uC
10uS, VGE
15V, Tvj = 125
oC , Vcc = 900V
1800
A
RthJC
RthCH
0.125
0.06
K/W
TVJ
TVJM
Tstg
-40...+125
150
-40...+125
oC
3
5
2.5
5
325


Similar Part No. - SII300N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII300N06 SIRECTIFIER-SII300N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
More results

Similar Description - SII300N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDI300N12 SIRECTIFIER-SDI300N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SDI100N12 SIRECTIFIER-SDI100N12 Datasheet
643Kb / 2P
   NPT IGBT Modules
SII400N12 SIRECTIFIER-SII400N12 Datasheet
462Kb / 2P
   NPT IGBT Modules
SDI150N12 SIRECTIFIER-SDI150N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SID200N12 SIRECTIFIER-SID200N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SII100N06 SIRECTIFIER-SII100N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
SII200N06 SIRECTIFIER-SII200N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
6SI75N12 SIRECTIFIER-6SI75N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
6SI15N12 SIRECTIFIER-6SI15N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
SID150N12 SIRECTIFIER-SID150N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SID100N12 SIRECTIFIER-SID100N12 Datasheet
608Kb / 2P
   NPT IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com