Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW128A Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58LW128A
Description  128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW128A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58LW128A Datasheet HTML 7Page - STMicroelectronics M58LW128A Datasheet HTML 8Page - STMicroelectronics M58LW128A Datasheet HTML 9Page - STMicroelectronics M58LW128A Datasheet HTML 10Page - STMicroelectronics M58LW128A Datasheet HTML 11Page - STMicroelectronics M58LW128A Datasheet HTML 12Page - STMicroelectronics M58LW128A Datasheet HTML 13Page - STMicroelectronics M58LW128A Datasheet HTML 14Page - STMicroelectronics M58LW128A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
11/65
M58LW128A, M58LW128B
Figure 6. Block Addresses
Note: Also see Appendix A, Table 28 for a full listing of the Block Addresses
SIGNAL DESCRIPTIONS
See Figure 2, Logic Diagram and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A1-A23). The Address Inputs
are used to select the cells to access in the mem-
ory array during Bus Read operations either to
read or to program data to. During Bus Write oper-
ations they control the commands sent to the
Command Interface of the internal state machine.
Chip Enable must be low when selecting the ad-
dresses.
The address inputs are latched on the rising edge
of Chip Enable, Write Enable or Latch Enable,
whichever occurs first in a write operation. The ad-
dress latch is transparent when Latch Enable is
low, VIL. The address is internally latched in a pro-
gram or erase operation.
With a x32 Bus Width, WORD = VIH, Address Input
A1 is ignored; the Least Significant Word is output
on DQ0-DQ15 and the Most Significant Word is
output on DQ16-DQ31. With a x16 Bus Width,
WORD = VIL, the Least Significant Word is output
on DQ0-DQ15 when A1 is low, VIL, and the Most
Significant Word is output on DQ0-DQ15 when A1
is high, VIH.
Data Inputs/Outputs (DQ0-DQ31). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation, or are used
to input the data during a Program operation. Dur-
ing Bus Write operations they represent the com-
mands sent to the Command Interface of the
internal state machine. When used to input data or
write commands they are latched on the rising
edge of Write Enable or Chip Enable, whichever
occurs first.
When Chip Enable and Output Enable are both
low, VIL, the data bus outputs data from the mem-
ory array, the Electronic Signature, the Block Pro-
tection status, the CFI Information or the contents
of the Status Register. The data bus is high imped-
ance when the chip is deselected, Output Enable
is High, VIH, or the Reset/Power-Down signal is
Low, VIL. When the Program/Erase Controller is
active the Ready/Busy status is given on DQ7
while DQ0-DQ6 and DQ8-DQ31 are high imped-
ance.
With a x16 Bus Width, WORD = VIL, DQ16-DQ31
are not used and are high impedance.
Chip Enable (E). The Chip Enable, E, input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. Chip Enable, E, at
VIH deselects the memory and reduces the power
consumption to the Standby level, IDD1.
Output Enable (G). The Output Enable, G, gates
the outputs through the data output buffers during
a read operation. When Output Enable, G, is at VIH
AI06130
1 Mbit or
64 KWords
7FFFFFh
7F0000h
1 Mbit or
64 KWords
01FFFFh
010000h
1 Mbit or
64 KWords
00FFFFh
000000h
1 Mbit or
32 KDouble-Words
3FFFFFh
3F8000h
1 Mbit or
32 KDouble-Words
00FFFFh
008000h
1 Mbit or
32 KDouble-Words
007FFFh
000000h
M58LW128A, M58LW128B
Word (x16) Bus Width
Address lines A1-A23
M58LW128B
Double-Word (x32) Bus Width
Address lines A2-A23
(A1 is Don't Care)
1 Mbit or
64 KWords
7EFFFFh
7E0000h
Total of 128
1 Mbit Blocks
1 Mbit or
32 KDouble-Words
3F7FFFh
3F0000h


Similar Part No. - M58LW128A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032 STMICROELECTRONICS-M58LW032 Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032A110N1T STMICROELECTRONICS-M58LW032A110N1T Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032A110N6T STMICROELECTRONICS-M58LW032A110N6T Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032A110ZA1T STMICROELECTRONICS-M58LW032A110ZA1T Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
More results

Similar Description - M58LW128A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com