Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF50 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # EF50
Description  PENTODE FOR USE AS WIDE BAND AND MEASURING AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EF50 Datasheet(HTML) 3 Page - NXP Semiconductors

  EF50 Datasheet HTML 1Page - NXP Semiconductors EF50 Datasheet HTML 2Page - NXP Semiconductors EF50 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EF50
page
sheet
date
1
1
1953.04.04
2
2
1953.04.04
3
FP
1999.06.28


Similar Part No. - EF50

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EF576D33-155.52-2.5-30 EUROQUARTZ-EF576D33-155.52-2.5-30 Datasheet
170Kb / 1P
   LVDS 7 x 5 x 2.8mm SMD, F Group
EF576P33-204.80-2.5-30 EUROQUARTZ-EF576P33-204.80-2.5-30 Datasheet
170Kb / 1P
   PECL 7 x 5 x 2.8mm SMD, F Group
logo
Frontier Electronics.
EF5A05 FRONTIER-EF5A05 Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Formosa MS
EF5A05 FORMOSA-EF5A05 Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
logo
Frontier Electronics.
EF5A05F FRONTIER-EF5A05F Datasheet
1Mb / 2P
   5.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
More results

Similar Description - EF50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UF42 PHILIPS-UF42 Datasheet
148Kb / 5P
   R.F. PENTODE FOR USE AS WIDE-BAND AMPLIFIER
12.12.1950
UF21 PHILIPS-UF21 Datasheet
626Kb / 17P
   PENTODE with variable mutual conductance for use as H.F., I.F. and L.F. amplifier
19.8.1948
5672 PHILIPS-5672 Datasheet
64Kb / 3P
   SUBMINIATURE PENTODE FOR USE AS A.F. POWER AMPLIFIER IN PORTABLE EQUIMENT
3.3.1957
PL36 NXP-PL36 Datasheet
1Mb / 34P
   OUTPUT PENTODE FOR USE AS LINE OUTPUT TUBE
3.3.1958
PCL85 NXP-PCL85_1 Datasheet
1Mb / 28P
   TRIODE-PENTODE FOR USE AS FRAME OUTPUT TUBE AND FRAME OSCILLATOR
3.3.1961
EF89 PHILIPS-EF89 Datasheet
281Kb / 11P
   PENTODE WITH VARIABLE MUTUAL CONDUCTANCE FOR USE AS R.F. or I.F. AMPLIFIER
12.12.1955
PL81 PHILIPS-PL81 Datasheet
1Mb / 29P
   PENTODE FOR USE AS LINE TIME BASE OUTPUT TUBE
2.2.1959
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
   Video and Wide-band Amplifier
logo
General Electric Compan...
6DQ6B GEC-6DQ6B Datasheet
306Kb / 4P
   BEAM-POWER PENTODE PRIMARILY DESIGNED FOR USE AS THE HORIZONTAL-DEFLECTION AMPLIFIER IN TELEVISION RECEIVERS.
logo
NXP Semiconductors
QQE06 PHILIPS-QQE06 Datasheet
1Mb / 31P
   DOUBLE TETRODE FOR USE AS H.F. AMPLIFIER AND OSCILLATOR
3.3.1957
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com