Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79901YZUT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79901YZUT
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79901YZUT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79901YZUT Datasheet HTML 5Page - Texas Instruments TPS79901YZUT Datasheet HTML 6Page - Texas Instruments TPS79901YZUT Datasheet HTML 7Page - Texas Instruments TPS79901YZUT Datasheet HTML 8Page - Texas Instruments TPS79901YZUT Datasheet HTML 9Page - Texas Instruments TPS79901YZUT Datasheet HTML 10Page - Texas Instruments TPS79901YZUT Datasheet HTML 11Page - Texas Instruments TPS79901YZUT Datasheet HTML 12Page - Texas Instruments TPS79901YZUT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
10
µs/div
1V/div
4V/div
V
OUT
V
IN
0V
3.85V
R
LOAD = 2.85kΩ
C
OUT = 2.2µF, 10µF
R
LOAD = 19Ω
C
OUT = 2.2µF
10
µs/div
1V/div
5V/div
V
OUT
V
EN
R
LOAD = 19Ω,
2.85k
C
OUT = 2.2µF
R
LOAD = 19Ω,
2.85k
C
OUT = 10µF
V
IN = 3.85V
50ms/div
7
6
5
4
3
2
1
0
−1
V
IN
V
OUT
R
L = 19Ω
TPS799xx
SBVS056E – JANUARY 2005 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (T
J=- 40°C to +125°C), VIN=VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT=1mA,
V
EN = VIN, COUT=2.2µF, CNR=0.01µF, unless otherwise noted. For TPS79901, VOUT=3.0V. Typical values are at TJ=+25°C.
TPS799285
TPS799285
TURN-ON RESPONSE (VEN = VIN)
ENABLE RESPONSE
Figure 25.
Figure 26.
TPS799285
POWER-UP / POWER-DOWN
Figure 27.
9


Similar Part No. - TPS79901YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901YZUT TI-TPS79901YZUT Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI-TPS79901YZUT Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI-TPS79901YZUT Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI-TPS79901YZUT Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI1-TPS79901YZUT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS79901YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com