Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V29C51002B-90J Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V29C51002B-90J
Description  2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51002B-90J Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V29C51002B-90J Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51002B-90J Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
V29C51002T/V29C51002B Rev. 2.1 October 2000
MOSEL VITELIC
V29C51002T/V29C51002B
Absolute Maximum Ratings(1)
NOTE:
1.
Stress greater than those listed unders “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2.
No more than one output maybe shorted at a time and not exceeding one second long.
DC Electrical Characteristics
(over the commercial operating range)
Symbol
Parameter
Commercial
Unit
VIN
Input Voltage (input or I/O pins)
-2 to +7
V
VIN
Input Voltage (A9 pin, OE)
-2 to +13
V
VCC
Power Supply Voltage
-0.5 to +5.5
V
TSTG
Storage Temerpature (Plastic)
-65 to +125
°C
TOPR
Operating Temperature
0 to +70
°C
IOUT
Short Circuit Current(2)
200 (Max.)
mA
Parameter
Name
Parameter
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
VCC = VCC Min.
0.8
V
VIH
Input HIGH Voltage
VCC = VCC Max.
2
V
IIL
Input Leakage Current
VIN = GND to VCC, VCC = VCC Max.
±1
µA
IOL
Output Leakage Current
VOUT = GND to VCC, VCC = VCC Max.
±10
µA
VOL
Output LOW Voltage
VCC = VCC Min., IOL = 2.1mA
0.4
V
VOH
Output HIGH Voltage
VCC = VCC Min, IOH = -400µA
2.4
V
ICC1
Read Current
CE = OE = VIL, WE = VIH, all I/Os open,
Address input = VIL/VIH, at f = 1/tRC Min.,
VCC = VCC Max.
40
mA
ICC2
Write Current
CE = WE = VIL, OE = VIH, VCC = VCC Max.
50
mA
ISB
TTL Standby Current
CE = OE = WE = VIH, VCC = VCC Max.
2mA
ISB1
CMOS Standby Current
CE = OE = WE = VCC – 0.3V, VCC = VCC Max.
100
µA
VH
Device ID Voltage for A9
CE = OE = VIL, WE = VIH
11.5
12.5
V
IH
Device ID Current for A9
CE = OE = VIL, WE = VIH, A9 = VH Max.
50
µA


Similar Part No. - V29C51002B-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000B MOSEL-V29C51000B Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45J MOSEL-V29C51000B-45J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45P MOSEL-V29C51000B-45P Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45T MOSEL-V29C51000B-45T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-70J MOSEL-V29C51000B-70J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51002B-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com