Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR3040PT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # MUR3040PT
Description  Ultra Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MUR3040PT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  MUR3040PT Datasheet HTML 1Page - Sirectifier Semiconductors MUR3040PT Datasheet HTML 2Page - Sirectifier Semiconductors MUR3040PT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MUR3020PT, MUR3030PT, MUR3040PT, MUR3060PT
MUR3020PT
MUR3030PT
MUR3040PT
MUR3060PT
VRSM
V
200
300
400
600
VRRM
V
200
300
400
600
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFRM
TVJ=TVJM
TC=100
oC; rectangular, d=0.5
tp<10us; rep. rating, pulse width limited by TVJM
25
30
150
A
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
100
110
85
95
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
50
50
36
37
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Ptot
TC=25
oC
Md
Mounting torque
62
0.4...0.6
2
W
Nm
Weight
g
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
Ultra Fast Recovery Diodes


Similar Part No. - MUR3040PT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3040PT MOTOROLA-MUR3040PT Datasheet
99Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Digitron Semiconductors
MUR3040PT DIGITRON-MUR3040PT Datasheet
342Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
Thinki Semiconductor Co...
MUR3040PT THINKISEMI-MUR3040PT Datasheet
418Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Inchange Semiconductor ...
MUR3040PT ISC-MUR3040PT Datasheet
88Kb / 3P
   Ultrafast Recovery Rectifier
More results

Similar Description - MUR3040PT

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
List of Unclassifed Man...
MUR6020PT ETC2-MUR6020PT Datasheet
94Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
MUR1560S SIRECT-MUR1560S Datasheet
130Kb / 3P
   Ultra Fast Recovery Diodes
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
   Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
   Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
   Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
   Ultra Fast Recovery Diodes
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR502D SIRECT-STPR502D Datasheet
77Kb / 2P
   Ultra Fast Recovery Diodes
STPR810D SIRECT-STPR810D Datasheet
78Kb / 2P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR1505D SIRECTIFIER-STPR1505D Datasheet
75Kb / 2P
   Ultra Fast Recovery Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com