Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1561-CF Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS1561-CF
Description  Dual-Rate Deserializer
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1561-CF Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1561-CF Datasheet HTML 6Page - Gennum Corporation GS1561-CF Datasheet HTML 7Page - Gennum Corporation GS1561-CF Datasheet HTML 8Page - Gennum Corporation GS1561-CF Datasheet HTML 9Page - Gennum Corporation GS1561-CF Datasheet HTML 10Page - Gennum Corporation GS1561-CF Datasheet HTML 11Page - Gennum Corporation GS1561-CF Datasheet HTML 12Page - Gennum Corporation GS1561-CF Datasheet HTML 13Page - Gennum Corporation GS1561-CF Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
GS1560A/GS1561 Data Sheet
27360 - 10 January 2007
10 of 80
14
CD2
Non
Synchronous
Input
STATUS SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of a serial digital input signal. Normally
generated by a Gennum automatic cable equalizer.
When LOW, the serial digital input signal received at the DDI2 and DDI2
pins is considered valid.
When HIGH, the associated serial digital input signal is considered to be
invalid. In this case, the LOCKED signal is set LOW and all parallel outputs
are muted.
15, 17
DDI2, DDI2
Analog
Input
Differential input pair for serial digital input 2.
16
TERM2
Analog
Input
Termination for serial digital input 2. AC couple to PDBUFF_GND.
18
SMPTE_BYPASS
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in slave mode, and will
be an output set by the device in master mode.
Master Mode (MASTER/SLAVE = HIGH)
The SMPTE_BYPASS signal will be HIGH only when the device has
locked to a SMPTE compliant data stream. It will be LOW otherwise.
Slave Mode (MASTER/SLAVE = LOW)
When set HIGH in conjunction with DVB_ASI = LOW, the device will be
configured to operate in SMPTE mode. All I/O processing features may be
enabled in this mode.
When set LOW, the device will not support the descrambling, decoding or
word alignment of received SMPTE data. No I/O processing features will
be available.
19
RSET
Analog
Input
GS1560A
Used to set the serial digital loop-through output signal amplitude. Connect
to CD_VDD through 281
Ω +/- 1% for 800mVp-p single-ended output swing.
NC
GS1561
No Connect.
20
CD_VDD
Power
GS1560A
Power supply connection for the serial digital cable driver. Connect to
+1.8V DC analog.
NC
GS1561
No Connect.
21
SDO_EN/DIS
Non
Synchronous
Input
GS1560A
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output loop-through stage.
When set LOW, the serial digital output signals SDO and SDO are
disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO are
enabled.
NC
GS1561
No Connect.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1561-CF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1561-CF GENNUM-GS1561-CF Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1561-CF GENNUM-GS1561-CF Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
More results

Similar Description - GS1561-CF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
logo
Texas Instruments
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Gennum Corporation
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
logo
Cypress Semiconductor
CYV15G0204RB CYPRESS-CYV15G0204RB Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0204RB CYPRESS-CYV15G0204RB_09 Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
logo
List of Unclassifed Man...
COM5016 ETC2-COM5016 Datasheet
122Kb / 2P
   DUAL BAUD RATE GEBERATOR
logo
Gamewell-FCI by Honeywe...
DRBC-1 GAMEWELL-FCI-DRBC-1 Datasheet
34Kb / 1P
   DUAL RATE BATTERY CHARGER
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
   Dual Baud Rate Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com