Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2480A1RTC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2480A1RTC
Description  Z-Accel 2.4 GHz ZigBee짰 Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480A1RTC Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2480A1RTC Datasheet HTML 2Page - Texas Instruments CC2480A1RTC Datasheet HTML 3Page - Texas Instruments CC2480A1RTC Datasheet HTML 4Page - Texas Instruments CC2480A1RTC Datasheet HTML 5Page - Texas Instruments CC2480A1RTC Datasheet HTML 6Page - Texas Instruments CC2480A1RTC Datasheet HTML 7Page - Texas Instruments CC2480A1RTC Datasheet HTML 8Page - Texas Instruments CC2480A1RTC Datasheet HTML 9Page - Texas Instruments CC2480A1RTC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
CC2480
3
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Table 1: Absolute Maximum Ratings
Parameter
Min
Max
Units
Condition
Supply voltage, VDD
–0.3
3.9
V
All supply pins must have the same voltage
Voltage on any digital pin
–0.3
VDD+0.3,
max 3.9
V
Voltage on the 1.8V pins (pin no.
22, 25-40 and 42)
–0.3
2.0
V
Input RF level
10
dBm
Storage temperature range
–50
150
°C
Device not programmed
Reflow soldering temperature
260
°C
According to IPC/JEDEC J-STD-020C
<500
V
On RF pads (RF_P, RF_N, AVDD_RF1,
and AVDD_RF2), according to Human
Body Model, JEDEC STD 22, method A114
700
V
All other pads, according to Human Body
Model, JEDEC STD 22, method A114
ESD
200
V
According to Charged Device Model,
JEDEC STD 22, method C101
Caution! ESD sensitive device. Precaution should be used
when handling the device in order to prevent
permanent damage.
4
Operating Conditions
The operating conditions for
CC2480 are listed in Table 2.
Table 2: Operating Conditions
Parameter
Min
Max
Unit
Condition
Operating ambient temperature
range, TA
-40
85
°C
Operating supply voltage
2.0
3.6
V
The supply pins to the radio part must be driven
by the 1.8 V on-chip regulator
CC2480 Data Sheet SWRS074A
Page 6 of 43


Similar Part No. - CC2480A1RTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480A1RTC TI-CC2480A1RTC Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
CC2480A1RTC TI1-CC2480A1RTC Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTCR TI-CC2480A1RTCR Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
CC2480A1RTCR TI1-CC2480A1RTCR Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
More results

Similar Description - CC2480A1RTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480 TI-CC2480_11 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee Processor
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
   SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
logo
STMicroelectronics
SN260 STMICROELECTRONICS-SN260 Datasheet
1Mb / 88P
   ZigBee짰 802.15.4 network processor
logo
Axiomtek Co., Ltd.
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
logo
STMicroelectronics
SPZB250 STMICROELECTRONICS-SPZB250 Datasheet
412Kb / 18P
   ZigBee짰 module
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
   ZigBee짰 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com