Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4302 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE4302
Description  50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4302 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE4302 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4302 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE4302
Page 10 of 11
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0056-04
│ UltraCMOS™ RFIC Solutions
Figure 20. Marking Specifications
Figure 21. Tape and Reel Drawing
4302
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of PSC Lot Number
Table 10. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4302-00
PE4302-EK
PE4302-20MLP 4x4mm-EK
Evaluation Kit
1 / Box
4302-51
4302
PE4302G-20MLP 4x4mm-75A
Green 20-lead 4x4mm QFN
75 units / Tube
4302-52
4302
PE4302G-20MLP 4x4mm-3000C
Green 20-lead 4x4mm QFN
3000 units / T&R


Similar Part No. - PE4302

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
472Kb / 11P
   50 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
   TNC Male Connector Crimp/Crimp Attachment
logo
Peregrine Semiconductor...
PE4302-01 PEREGRINE-PE4302-01 Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4302-EK PEREGRINE-PE4302-EK Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
More results

Similar Description - PE4302

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MA-COM-AT90-1107 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com