Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2134 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2134
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2134 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2134 Datasheet HTML 1Page - Burr-Brown (TI) OPA2134 Datasheet HTML 2Page - Burr-Brown (TI) OPA2134 Datasheet HTML 3Page - Burr-Brown (TI) OPA2134 Datasheet HTML 4Page - Burr-Brown (TI) OPA2134 Datasheet HTML 5Page - Burr-Brown (TI) OPA2134 Datasheet HTML 6Page - Burr-Brown (TI) OPA2134 Datasheet HTML 7Page - Burr-Brown (TI) OPA2134 Datasheet HTML 8Page - Burr-Brown (TI) OPA2134 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
OPA134/2134/4134
®
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
1
10
100
1k
10k
100k
1M
10M
160
140
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
φ
G
CLOSED-LOOP GAIN vs FREQUENCY
Frequency (Hz)
50
40
30
20
10
0
–10
–20
1k
10k
100k
1M
10M
G = +10
G = +100
G = +1
POWER SUPPLY AND COMMON-MODE REJECTION
vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
CMR
–PSR
+PSR
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
30
20
10
0
V
S = ±15V
V
S = ±2.5V
V
S = ±5V
Maximum output voltage
without slew-rate
induced distortion
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
G = +1
G = +2
G = +10
G = +100
Note: Open-Loop
Output Impedance
at f = 10kHz is 10
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
R
L = ∞
R
L = 2kΩ


Similar Part No. - OPA2134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2134 BURR-BROWN-OPA2134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA2134 BURR-BROWN-OPA2134 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134 BURR-BROWN-OPA2134 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134 TI1-OPA2134 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134 TI1-OPA2134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
More results

Similar Description - OPA2134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com