Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-TRP-DR2B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RI-TRP-DR2B
Description  32 mm Glass Transponder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-DR2B Datasheet(HTML) 2 Page - Texas Instruments

  RI-TRP-DR2B Datasheet HTML 1Page - Texas Instruments RI-TRP-DR2B Datasheet HTML 2Page - Texas Instruments RI-TRP-DR2B Datasheet HTML 3Page - Texas Instruments RI-TRP-DR2B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
OPERATING CHARACTERISTICS
RI-TRP-RR2B, RI-TRP-WR2B, RI-TRP-DR2B, RI-TRP-IR2B
32 mm Glass Transponder
SCBS842A – SEPTEMBER 2001 – REVISED FEBRUARY 2008
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-TRP-RR2B
RI-TRP-WR2B
RI-TRP-DR2B
RI-TRP-IR2B
Functionality
Read Only
Read/Write
MPT
SAMPT
Memory (Bits)
64
80(1)
1360(1)
1360(1)
Memory (Pages)
1
1
17(1)R/W
17(1)R/W(2)
Operating Frequency
134.2
kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Read Range
≤ 100(3)
cm
Typical Programming Range
30% of specified reading range
Typical Read Time
70
70
86
86
ms
Typical Programming Time
309
293
341
ms
Typical Programming Cycles
100,000
100,000
100,000
Case Material
Glass
Protection Class
Hermetically sealed
EMC
Programmed code is not affected by normal electromagnetic interference or x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechanical Shock
IEC 68-2-27, Test Ea; 300 g, half sine, 3 ms, 2 axes
IEC 68-2-6, Test Fc; 3 g, 5 – 50 Hz, 2 axes, 24 hours per axis
Vibration
20 g, 10 – 2000 Hz, 2 axes, 2.5 hours per axis
Dimensions
Φ3.85 ± 0.05(1) 31.2 ± 0.6
Φ3.85 ± 0.05(1) 32.2 ± 0.6
mm
Weight
0.8
0.85
g
(1)
We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as
is done by TI-RFID™ LF readers.
(2)
24 bits Selective Address width
(3)
Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): RI-TRP-RR2B RI-TRP-WR2B RI-TRP-DR2B RI-TRP-IR2B


Similar Part No. - RI-TRP-DR2B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-DR2B TI-RI-TRP-DR2B Datasheet
170Kb / 1P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-DR2B TI-RI-TRP-DR2B Datasheet
120Kb / 4P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-DR2B TI-RI-TRP-DR2B Datasheet
104Kb / 4P
[Old version datasheet]   32 mm Glass Transponder
RI-TRP-DR2B TI-RI-TRP-DR2B Datasheet
84Kb / 5P
[Old version datasheet]   32 mm Glass Transponder
RI-TRP-DR2B TI1-RI-TRP-DR2B Datasheet
266Kb / 9P
[Old version datasheet]   RI-TRP-DR2B 32-mm Glass Transponder
More results

Similar Description - RI-TRP-DR2B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_12 Datasheet
104Kb / 4P
[Old version datasheet]   32 mm Glass Transponder
RI-TRP-DR2B-30 TI-RI-TRP-DR2B-30 Datasheet
84Kb / 5P
[Old version datasheet]   32 mm Glass Transponder
RI-TRP-DR2B TI1-RI-TRP-DR2B_16 Datasheet
266Kb / 9P
[Old version datasheet]   RI-TRP-DR2B 32-mm Glass Transponder
RI-TRP-RR2B TI-RI-TRP-RR2B_1 Datasheet
120Kb / 4P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-RR3P TI-RI-TRP-RR3P Datasheet
41Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
RI-TRP-RR2B TI-RI-TRP-RR2B Datasheet
170Kb / 1P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30 Datasheet
58Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
RI-TRP-W9TB TI-RI-TRP-W9TB Datasheet
173Kb / 1P
[Old version datasheet]   50mm Glass Transponder
TRPGP40TGC TI-TRPGP40TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, CCT
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30_13 Datasheet
482Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com