Electronic Components Datasheet Search |
|
V29C51000T-90T Datasheet(PDF) 3 Page - Mosel Vitelic, Corp |
|
V29C51000T-90T Datasheet(HTML) 3 Page - Mosel Vitelic, Corp |
3 / 16 page MOSEL VITELIC V29C51000T/V29C51000B 3 V29C51000T/V29C51000B Rev. 0.5 October 2000 Functional Block Diagram Capacitance (1,2) NOTE: 1. Capacitance is sampled and not 100% tested. 2. TA = 25°C, VCC = 5V ± 10%, f = 1 MHz. Latch Up Characteristics(1) NOTE: 1. Includes all pins except VCC. Test conditions: VCC = 5V, one pin at a time. AC Test Load Symbol Parameter Test mSetup Typ. Max. Units CIN Input Capacitance VIN = 0 6 8 pF COUT Output Capacitance VOUT = 0 8 12 pF CIN2 Control Pin Capacitance VIN = 0 8 10 pF Parameter Min. Max. Unit Input Voltage with Respect to GND on A9, OE -1 +13 V Input Voltage with Respect to GND on I/O, address or control pins -1 VCC + 1 V VCC Current -100 +100 mA Address buffer & latches A0–A15 51001-05 I/O Buffer & Data Latches I/O0–I/O7 Y-Decoder 65,536 Bit Memory Cell Array X-Decoder Control Logic CE OE WE 51001-06 IN3064 or Equivalent IN3064 or Equivalent 2.7 k Ω 6.2 k Ω +5.0 V IN3064 or Equivalent IN3064 or Equivalent CL = 100 pF Device Under Test |
Similar Part No. - V29C51000T-90T |
|
Similar Description - V29C51000T-90T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |