Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 2Page - STMicroelectronics M41T93 Datasheet HTML 3Page - STMicroelectronics M41T93 Datasheet HTML 4Page - STMicroelectronics M41T93 Datasheet HTML 5Page - STMicroelectronics M41T93 Datasheet HTML 6Page - STMicroelectronics M41T93 Datasheet HTML 7Page - STMicroelectronics M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics M41T93 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Description
M41T93
6/51
1
Description
The M41T93 is a low power Serial SPI Bus Real Time Clock with a built-in 32.768kHz
oscillator (external crystal-controlled for the QFN16 package, and embedded crystal for the
SOX18 package). Eight bytes of the Register Map (see Table 3 on page 18) are used for the
clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 17 bytes of the Register Map provide status/control of the two Alarms, Watchdog,
8-Bit Counter, and Square Wave functions. An additional seven bytes are made available as
user SRAM.
Addresses and data are transferred serially via a serial SPI bus-compatible interface. The
built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T93 has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button battery
when a power failure occurs.
Functions available to the user include a non-volatile, time-of-day clock/calendar, Alarm
interrupt, Watchdog Timer, programmable 8-bit Counter, and Square Wave outputs. The
eight clock address locations contain the century, year, month, date, day, hour, minute,
second, and tenths/hundredths of a second in 24 hour BCD format. Corrections for 28, 29
(leap year), 30, and 31 day months are made automatically. The M41T93 is supplied in
either a QFN16 or an SOX18 (MY), 300mil SOIC which includes an embedded 32kHz
crystal. The SOX18 package requires only a user-supplied battery to provide non-volatile
operation.


Similar Part No. - M41T93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93RMY6F STMICROELECTRONICS-M41T93RMY6F Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
More results

Similar Description - M41T93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Golledge Electronics Lt...
RV3049C2 GOLLEDGE-RV3049C2_18 Datasheet
749Kb / 5P
   RTC SPI Bus
RV3049C3 GOLLEDGE-RV3049C3_18 Datasheet
749Kb / 5P
   RTC SPI Bus
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com