Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 5Page - STMicroelectronics M41T93 Datasheet HTML 6Page - STMicroelectronics M41T93 Datasheet HTML 7Page - STMicroelectronics M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics M41T93 Datasheet HTML 10Page - STMicroelectronics M41T93 Datasheet HTML 11Page - STMicroelectronics M41T93 Datasheet HTML 12Page - STMicroelectronics M41T93 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
M41T93
Description
9/51
Figure 4.
Block diagram
1.
Open drain output
2.
VRST = VSO = 2.93V (S), 2.63V (R), and 2.32V (Z).
REAL TIME CLOCK
CALENDAR
ALARM1
ALARM2
WATCHDOG
OSCILLATOR FAIL
CIRCUIT
SQUARE WAVE
OUTPUT DRIVER
8 BITS OF OTP
8-BIT COUNTER
FREQUENCY TEST
USER SRAM (7 Bytes)
IRQ/FT/OUT
(1)
SQW
RST
(1)
INTERNAL
POWER
SQWE
A1IE
E
SCL
VCC
OFIE
COMPARE
trec
TIMER
SDO
SDI
SPI
INTERFACE
32kHz
OSCILLATOR
VBAT
CRYSTAL
XI
XO
VRST/VSO
(2)
AI11821
WRITE
PROTECT
VCC < VRST
FT
OUT
TIE


Similar Part No. - M41T93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93RMY6F STMICROELECTRONICS-M41T93RMY6F Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
More results

Similar Description - M41T93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Golledge Electronics Lt...
RV3049C2 GOLLEDGE-RV3049C2_18 Datasheet
749Kb / 5P
   RTC SPI Bus
RV3049C3 GOLLEDGE-RV3049C3_18 Datasheet
749Kb / 5P
   RTC SPI Bus
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com