Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1PHB36-16 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S1PHB36-16
Description  Single Phase Half Controlled Bridge With Free Wheeling Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PHB36-16 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S1PHB36-16 Datasheet HTML 1Page - Sirectifier Semiconductors S1PHB36-16 Datasheet HTML 2Page - Sirectifier Semiconductors S1PHB36-16 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S1PHB36
Symbol
Test Conditions
Characteristic Values
Unit
V
VT, VF
IT, IF=45A; TVJ=25
oC
1.45
VTO
For power-loss calculations only (TVJ=125
oC)
0.85
V
rT
13
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
1.0
1.2
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
TVJ=125
oC
IGT
65
80
50
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
5
mA
IH
TVJ=25
oC; VD=6V; RGK=
100
mA
tG=30us; IG=0.3A;
TVJ=25
oC
diG/dt=0.3A/us
TVJ=-40
oC
TVJ=125
oC
150
200
100
mA
IL
per thyristor(diode); DC current
per module
RthJC
1.15
0.29
K/W
per thyristor(diode); DC current
per module
RthJK
1.55
0.39
K/W
dS
Creeping distance on surface
12.6
mm
dA
Creepage distance in air
6.3
mm
a
Maximum allowable acceleration
50
m/s
2
IR, ID
TVJ=TVJM; VR=VRRM; VD=VDRM
TVJ=25
oC
5
0.3
mA
TVJ=25
oC; VD=1/2VDRM
IG=0.3A; diG/dt=0.3A/us
tgd
2
us
TVJ=125
oC; IT=15A; tp=300us; VR=100V
typ.
tq
150
us
uC
Qr
VD=2/3VDRM; dv/dt=20V/us; di/dt=-10A/us
75
TVJ=TVJM;
VD=2/3VDRM
A
F ig. 1 G ate trigger range
F ig. 2 G ate controlled delay time t
gd
1
10
100
1000
0.1
1
10
I
G
V
G
mA
1: I
G T, T VJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: P
GAV = 0.5 W
5: P GM = 1 W
6: P GM = 10 W
I
G D, T VJ = 125°C
4
2
1
5
6
10
100
1000
1
10
100
1000
s
t
gd
T
VJ = 25° C
typ.
Limit
mA
I
G
3
Single Phase Half Controlled Bridge With Free Wheeling Diode


Similar Part No. - S1PHB36-16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PHB15 SIRECTIFIER-S1PHB15 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-08 SIRECTIFIER-S1PHB15-08 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-12 SIRECTIFIER-S1PHB15-12 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-14 SIRECTIFIER-S1PHB15-14 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-16 SIRECTIFIER-S1PHB15-16 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
More results

Similar Description - S1PHB36-16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PHB15 SIRECTIFIER-S1PHB15 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB55 SIRECTIFIER-S1PHB55 Datasheet
171Kb / 2P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB28 SIRECTIFIER-S1PHB28 Datasheet
290Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
logo
IXYS Corporation
MCMA120UJ1800ED IXYS-MCMA120UJ1800ED Datasheet
407Kb / 5P
   3~ Rectifier Bridge, half-controlled (high-side) free wheeling Diode
VHF28 IXYS-VHF28 Datasheet
95Kb / 3P
   Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
VHF36 IXYS-VHF36 Datasheet
65Kb / 3P
   Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
VHF28-08IO5 IXYS-VHF28-08IO5 Datasheet
92Kb / 3P
   Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
VHF15 IXYS-VHF15 Datasheet
99Kb / 3P
   Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
logo
Powersem GmbH
PSCH25 POWERSEM-PSCH25 Datasheet
165Kb / 2P
   Single Phase Half Controlled Rectifier Bridge With Freeweeling DIODE
logo
IXYS Corporation
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com