Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMF4815SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NMF4815SC
Description  Isolated 1W Regulated Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NMF4815SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NMF4815SC Datasheet HTML 1Page - List of Unclassifed Manufacturers NMF4815SC Datasheet HTML 2Page - List of Unclassifed Manufacturers NMF4815SC Datasheet HTML 3Page - List of Unclassifed Manufacturers NMF4815SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.cd4power.com
NMF SERIES
Isolated 1W Regulated Single Output DC/DC Converters
KDC_NMFC.4 Page 1 of 4
SELECTION GUIDE
Order Code
Nominal
Input
Voltage
Output
Voltage
Output
Current
Power Out
Efficiency
Isolation
Capacitance
MTTF1 Package
Style
V
V
mA
mW
%
pF
kHrs
NMF0505DC
5
5
100
500
50
37
1307
DIP
NMF0509DC
5
9
100
900
62
42
825
NMF0512DC
5
12
83
1000
62
46
512
NMF0515DC
5
15
67
1000
62
52
316
NMF0505SC
5
5
100
500
50
37
1307
SIP
NMF0509SC
5
9
100
900
62
42
825
NMF0512SC
5
12
83
1000
62
46
512
NMF0515SC
5
15
67
1000
62
52
316
NMF1205SC
12
5
100
500
50
62
456
DIP
NMF1209SC
12
9
100
900
62
82
379
NMF1212SC
12
12
83
1000
62
98
290
NMF1215SC
12
15
67
1000
62
108
218
NMF1205SC
12
5
100
500
50
62
456
SIP
NMF1209SC
12
9
100
900
62
82
379
NMF1212SC
12
12
83
1000
62
98
290
NMF1215SC
12
15
67
1000
62
108
218
NMF2405DC
24
5
100
500
50
69
843
DIP
NMF2409DC
24
9
100
900
62
106
613
NMF2412DC
24
12
83
1000
62
129
422
NMF2415DC
24
15
67
1000
62
151
279
NMF2405SC
24
5
100
500
50
69
843
SIP
NMF2409SC
24
9
100
900
62
106
613
NMF2412SC
24
12
83
1000
62
129
422
NMF2415SC
24
15
67
1000
62
151
279
NMF4805DC
48
5
100
500
50
51
200
DIP
NMF4809DC
48
9
100
900
62
86
283
NMF4812DC
48
12
83
1000
62
108
162
NMF4815DC
48
15
67
1000
62
127
135
NMF4805SC
48
5
100
500
50
51
200
SIP
NMF4809SC
48
9
100
900
62
86
283
NMF4812SC
48
12
83
1000
62
108
162
NMF4815SC
48
15
67
1000
62
127
135
When operated
with additional external load capacitance the rise time of the input voltage will determine the maximum external
capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the
additional external capacitance for reliable start up.
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection2
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
450mW
Input voltage VIN, NMF05 types
7V
Input voltage VIN, NMF12 types
15V
Input voltage VIN, NMF24 types
28V
Input voltage VIN, NMF48 types
54V
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2. Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
n
RoHS compliant
n
Output regulation <1.5%
n
Output programmable
n
Power density 0.85W/cm3
n
Single isloated output
n
SIP & DIP package styles
n
UL 94V-0 package material
n
No heatsink required
n
Footprint from 1.17cm2
n
1kVDC isolation
n
5V, 12V, 24V & 48V input
n
5V, 9V, 12V & 15V output
n
SMD construction
n
Fully encapsulated with toroidal magnetics
n
No external components required
n
MTTF up to 2.4 million hours
n
PCB mounting
DESCRIPTION
The NMF series of DC/DC converters is used
where a tightly regulated supply is required. They
are ideal for situations where the intput voltage is
not tightly controlled. The output trim pin makes
the device particularly suitable for applications
requiring a programmable output voltage. The 5V
output version can be used to give a regulated
output, adjustable between 1.2V and 5.0V with a
single resistor.


Similar Part No. - NMF4815SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF4815S CANDD-NMF4815S Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF4815S ETC1-NMF4815S Datasheet
38Kb / 2P
   DC/DC Converters
More results

Similar Description - NMF4815SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com