Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3232EB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3232EB
Description  짹 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232EB Datasheet(HTML) 3 Page - STMicroelectronics

  ST3232EB Datasheet HTML 1Page - STMicroelectronics ST3232EB Datasheet HTML 2Page - STMicroelectronics ST3232EB Datasheet HTML 3Page - STMicroelectronics ST3232EB Datasheet HTML 4Page - STMicroelectronics ST3232EB Datasheet HTML 5Page - STMicroelectronics ST3232EB Datasheet HTML 6Page - STMicroelectronics ST3232EB Datasheet HTML 7Page - STMicroelectronics ST3232EB Datasheet HTML 8Page - STMicroelectronics ST3232EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST3232EB - ST3232EC
Pin configuration
3/19
1
Pin configuration
Figure 1.
Pin connection
Table 2.
Pin description
Pin n°
Symbol
Name and function
1C1+
Positive terminal for the first charge pump capacitor
2
V+
Doubled voltage terminal
3C1-
Negative Terminal for the first charge pump capacitor
4C2+
Positive terminal for the second charge pump capacitor
5C2-
Negative terminal for the second charge pump capacitor
6
V-
Inverted voltage terminal
7T2OUT
Second transmitter output voltage
8R2IN
Second receiver input voltage
9R2OUT
Second receiver output voltage
10
T2IN
Second transmitter input voltage
11
T1IN
First transmitter input voltage
12
R1OUT
First receiver output voltage
13
R1IN
First receiver input voltage
14
T1OUT
First transmitter output voltage
15
GND
Ground
16
VCC
Supply voltage


Similar Part No. - ST3232EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232EB STMICROELECTRONICS-ST3232EB Datasheet
810Kb / 19P
   250 kbps minimum guaranteed data rate
February 2008 Rev 5
ST3232EBD STMICROELECTRONICS-ST3232EBD Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232EBDR STMICROELECTRONICS-ST3232EBDR Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232EBDR STMICROELECTRONICS-ST3232EBDR Datasheet
382Kb / 20P
   짹15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
ST3232EBDR STMICROELECTRONICS-ST3232EBDR Datasheet
810Kb / 19P
   250 kbps minimum guaranteed data rate
February 2008 Rev 5
More results

Similar Description - ST3232EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
   /-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
   3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3237EB STMICROELECTRONICS-ST3237EB_07 Datasheet
769Kb / 18P
   짹 15 kV ESD protected, 1 關A, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
logo
Texas Instruments
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
   짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
logo
Texas Instruments
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com