Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL16VSKCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL16VSKCTR
Description  5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VSKCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL16VSKCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VSKCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VSKCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VSKCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VSKCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VSKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100EL16VS
Micrel, Inc.
M9999-083007
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
D
Data Inputs
Q
Data Outputs
VBB
Reference Voltage Output
VCTRL
Output Swing Control
DESCRIPTION
FEATURES
5V/3.3V VARIABLE OUTPUT
SWING DIFFERENTIAL RECEIVER
SY100EL16VS
■ 3.3V and 5V power supply options
■ High bandwidth output transitions
■ Internal 75Kpull-down resistors on inputs
■ Functionally equivalent to SY100EL16V with variable
output swing
■ Improved output waveform characteristics
■ Available in 8-pin SOIC and 8-pin (3mm) MSOP
The SY100EL16VS are differential receivers with
variable output swing. The devices are functionally
equivalent to the EL16V devices with an input that control
the amplitude of the outputs.
The operational range of the EL16VS control input is
from VBB (max. swing) to VCC (min. swing). Simple control
of the output swing can be obtained by a variable resistor
between the VBB pin and VCC with the wiper driving
VCTRL.
The EL16VS provides a VBB output for either single-
ended use or as a DC bias for AC coupling to the device.
The VBB pin should be used only as a bias for the EL16VS
as its current sink/source capability is limited. Whenever
used, the VBB pin should be bypassed to ground via a
0.01µF capacitor.
Under open input conditions (pulled to VEE), internal
input clamps will force the Q output LOW.
PIN NAMES
Figure 1. Typical Voltage Output Swing
VCC = 3.3V or 5V
TYPICAL VOLTAGE OUTPUT SWING
0
10
20
30
40
50
60
70
80
90
100
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
V
CC – VCTRL
-40°C
+45°C
+105°C
1
Rev.: E
Amendment: /0
Issue Date: August 2007


Similar Part No. - SY100EL16VSKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VSKCTR MICREL-SY100EL16VSKCTR Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results

Similar Description - SY100EL16VSKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
ON Semiconductor
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com