Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C452FNG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL16C452FNG4
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C452FNG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL16C452FNG4 Datasheet HTML 3Page - Texas Instruments TL16C452FNG4 Datasheet HTML 4Page - Texas Instruments TL16C452FNG4 Datasheet HTML 5Page - Texas Instruments TL16C452FNG4 Datasheet HTML 6Page - Texas Instruments TL16C452FNG4 Datasheet HTML 7Page - Texas Instruments TL16C452FNG4 Datasheet HTML 8Page - Texas Instruments TL16C452FNG4 Datasheet HTML 9Page - Texas Instruments TL16C452FNG4 Datasheet HTML 10Page - Texas Instruments TL16C452FNG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1 )
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input, VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
1100 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level Input voltage, VIH
2
VCC
V
Low-level Input voltage, VIL
– 0.5
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IOH = – 0.4 mA on DB0 – DB7
VOH
High level output voltage
IOH = – 2 mA to 4 mA on PD0 – PD7
24
V
VOH
High-level output voltage
IOH = – 0.2 mA on INIT,
AFD, STB, and SLIN
2.4
V
IOH = – 0.2 mA on all other outputs
IOL = 4 mA on DB0 – DB7
IOL = 12 mA on PD0 – PD7
VOL
Low-level output voltage
IOL = 10 mA on INIT,
AFD, STB, and SLIN (see Note 2)
0.4
V
IOL = 2 mA on all other outputs
IIk
Input leakage current
VCC = 5.25 V,
VSS = 0,
±10
µA
IIkg
Input leakage current
CC
,
SS
,
VI = 0 to 5.25 V,
All other terminals floating
±10
µA
Ioz
High-impedance output current
VCC = 5.25 V,
VSS = 0,
VO = 0 to 5.25 V,
Chip selected and in write mode, or chip deselected
±20
µA
VCC = 5.25 V,
VSS = 0,
SS
S
CS
ICC
Supply current
SIN, DSR, RLSD, CTS, and RI at 2 V,
All other inputs at 0 8 V
XTAL1 at 4 MHz
10
mA
All other in uts at 0.8 V,
XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kbit/s
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 2: INIT, AFD, STB, and SLIN are open-collector output terminals that each have an internal pullup to VCC. This generates a maximum of
2 mA of internal IOL per terminal. In addition to this internal current, each terminal sinks at least 10 mA while maintaining the VOL
specification of 0.4 V maximum.
system timing requirements over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
FIGURE
MIN
MAX
UNIT
tcR
Cycle time, read (tw7 + td8 + td9)
175
ns


Similar Part No. - TL16C452FNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C452FN TI-TL16C452FN Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C452FN TI-TL16C452FN Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C452FNR TI-TL16C452FNR Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
More results

Similar Description - TL16C452FNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C451 TI-TL16C451 Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451 TI-TL16C451_06 Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com