Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOJB156M010 Datasheet(PDF) 3 Page - AVX Corporation

Part # NOJB156M010
Description  Niobium Oxide Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJB156M010 Datasheet(HTML) 3 Page - AVX Corporation

  NOJB156M010 Datasheet HTML 1Page - AVX Corporation NOJB156M010 Datasheet HTML 2Page - AVX Corporation NOJB156M010 Datasheet HTML 3Page - AVX Corporation NOJB156M010 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
106
OxiCapNOJ Series
Niobium Oxide Capacitor
Rated
DCL
DF
ESR
100kHz Ripple Current (A)
100kHz Ripple Voltage (V)
AVX
Case Capacitance
Voltage
(µA)
%
Max. (
Ω)
Part No.
Size
(µF)
(V)
Max.
Max.
@100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
1.8 Volt @ 85°C (1.2 Volt @ 105°C)
NOJB476M001#
B
47
1.8
1.7
6
1.6
0.252
0.227
0.101
0.404
0.364
0.162
NOJB686M001#
B
68
1.8
2.5
6
1.5
0.261
0.235
0.104
0.391
0.352
0.156
NOJB107M001#
B
100
1.8
3.6
6
1.4
0.270
0.243
0.108
0.378
0.340
0.151
NOJC107M001#
C
100
1.8
3.6
6
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC157M001#
C
150
1.8
5.4
8
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC227M001#
C
220
1.8
8.0
8
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC337M001#
C
330
1.8
11.9
8
0.3
0.663
0.597
0.265
0.199
0.179
0.080
2.5 Volt @ 85°C (1.7 Volt @ 105°C)
NOJA226M002#
A
22
2.5
1.1
6
1.9
0.218
0.196
0.087
0.414
0.372
0.165
NOJA336M002#
A
33
2.5
1.7
6
1.7
0.230
0.207
0.092
0.391
0.352
0.156
NOJB336M002#
B
33
2.5
1.7
6
1.7
0.245
0.220
0.098
0.416
0.375
0.167
NOJB476M002#
B
47
2.5
2.4
6
1.6
0.252
0.227
0.101
0.404
0.364
0.162
NOJB686M002#
B
68
2.5
3.4
6
1.5
0.261
0.235
0.104
0.391
0.352
0.156
NOJC686M002#
C
68
2.5
3.4
6
0.5
0.514
0.462
0.206
0.257
0.231
0.103
NOJB107M002#
B
100
2.5
5.0
6
1.4
0.270
0.243
0.108
0.378
0.340
0.151
NOJC107M002#
C
100
2.5
5.0
6
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC157M002#
C
150
2.5
7.5
6
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC227M002#
C
220
2.5
11.0
8
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC337M002#
C
330
2.5
16.5
10
0.3
0.663
0.597
0.265
0.199
0.179
0.080
NOJD337M002#
D
330
2.5
16.5
10
0.3
0.775
0.697
0.310
0.232
0.209
0.093
NOJD477M002#
D
470
2.5
23.5
10
0.3
0.775
0.697
0.310
0.323
0.209
0.093
NOJE477M002#
E
470
2.5
23.5
10
0.3
0.812
0.731
0.325
0.244
0.219
0.097
NOJE687M002#
E
680
2.5
34.0
12
0.3
0.812
0.731
0.325
0.244
0.219
0.097
NOJV108M002#
V
1000
2.5
50.0
18
0.3
1.000
0.900
0.400
0.300
0.270
0.120
4 Volt @ 85°C (2.7 Volt @ 105°C)
NOJA156M004#
A
15
4
1.2
6
2
0.212
0.191
0.085
0.424
0.382
0.170
NOJA226M004#
A
22
4
1.8
6
1.9
0.218
0.196
0.087
0.414
0.372
0.165
NOJB226M004#
B
22
4
1.8
6
1.9
0.232
0.209
0.093
0.440
0.396
0.176
NOJB336M004#
B
33
4
2.6
6
1.7
0.245
0.220
0.098
0.416
0.375
0.167
NOJB476M004#
B
47
4
3.8
6
1.6
0.252
0.227
0.101
0.404
0.364
0.162
NOJC476M004#
C
47
4
3.8
6
0.5
0.514
0.462
0.206
0.257
0.231
0.103
NOJB686M004#
B
68
4
5.4
6
1.5
0.261
0.235
0.104
0.391
0.352
0.156
NOJC686M004#
C
68
4
5.4
6
0.5
0.514
0.462
0.206
0.257
0.231
0.103
NOJC107M004#
C
100
4
8.0
6
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJC157M004#
C
150
4
12.0
6
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJD157M004#
D
150
4
12.0
6
0.3
0.775
0.697
0.310
0.232
0.209
0.093
NOJD227M004#
D
220
4
17.6
8
0.4
0.671
0.604
0.268
0.268
0.241
0.107
NOJD337M004#
D
330
4
26.4
8
0.3
0.775
0.697
0.310
0.232
0.209
0.093
NOJD477M004#
D
470
4
37.6
12
0.3
0.775
0.697
0.310
0.232
0.209
0.093
NOJE477M004#
E
470
4
37.6
12
0.3
0.812
0.731
0.325
0.244
0.219
0.097
NOJV687M004#
V
680
4
54.4
14
0.3
1.000
0.900
0.400
0.300
0.270
0.120
6.3 Volt @ 85°C (4 Volt @ 105°C)
NOJA475M006#
A
4.7
6.3
1.1
6
3.1
0.170
0.153
0.068
0.528
0.475
0.211
NOJA685M006#
A
6.8
6.3
1.1
6
2.6
0.186
0.167
0.074
0.484
0.435
0.193
NOJA106M006#
A
10
6.3
1.2
6
2.2
0.202
0.182
0.081
0.445
0.400
0.178
NOJB156M006#
B
15
6.3
1.8
6
2
0.226
0.203
0.090
0.452
0.406
0.181
NOJB226M006#
B
22
6.3
2.6
6
1.9
0.232
0.209
0.093
0.440
0.396
0.176
NOJB336M006#
B
33
6.3
4.0
6
1.7
0.245
0.220
0.098
0.416
0.375
0.167
NOJC336M006#
C
33
6.3
4.0
6
0.5
0.514
0.462
0.206
0.257
0.231
0.103
NOJC476M006#
C
47
6.3
5.7
6
0.5
0.514
0.462
0.206
0.257
0.231
0.103
NOJC686M006#
C
68
6.3
8.2
6
0.5
0.514
0.462
0.206
0.257
0.231
0.103
NOJC107M006#
C
100
6.3
12.0
8
0.4
0.574
0.517
0.230
0.230
0.207
0.092
NOJD107M006#
D
100
6.3
12.0
6
0.4
0.671
0.604
0.268
0.268
0.241
0.107
NOJD157M006#
D
150
6.3
18.0
6
0.4
0.671
0.604
0.268
0.268
0.241
0.107
NOJD227M006#
D
220
6.3
26.4
8
0.4
0.671
0.604
0.268
0.268
0.241
0.107
NOJE227M006#
E
220
6.3
26.4
12
0.4
0.704
0.633
0.281
0.281
0.253
0.113
NOJE337M006#
E
330
6.3
39.6
12
0.3
0.812
0.731
0.325
0.244
0.219
0.097
NOJV477M006#
V
470
6.3
56.4
12
0.3
1.000
0.900
0.400
0.300
0.270
0.120
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2V. DCL is measured at
rated voltage after 5 minutes.
NOTE: AVX reserves the rights to supply higher voltage rating
in the same case size, to the same reliability standards.


Similar Part No. - NOJB156M010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJB156M010WJ AVX-NOJB156M010WJ Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
More results

Similar Description - NOJB156M010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com