Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC2D391BA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETHC2D391BA
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC2D391BA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETHC2D391BA Datasheet HTML 1Page - Panasonic Semiconductor EETHC2D391BA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors
NEW PRODUCT
Highly miniaturized version (30% smaller than HB series)
2000 hour life at 105ºC
Can vent construction
Part Number System
Voltage
Code
Capacitance
Code
Case
Dia.
4.0mm
Ripple Current
22mm
H
Multipliers:
25mm
J
Page 7
30mm
K
35mm
L
TS-HC Standard Ratings (part numbers shown with standard length terminal and top vinyl plate)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
470
22 x 25
1.40
1.96
0.423
0.190
EETHC2C471BA
390
22 x 25
1.31
1.83
0.510
0.230
EETHC2D391BA
560
22 x 30
1.50
2.10
0.355
0.160
EETHC2C561BA
470
22 x 30
1.45
2.03
0.423
0.190
EETHC2D471BA
680
22 x 30
1.70
2.38
0.293
0.132
EETHC2C681BA
560
22 x 30
1.67
2.34
0.355
0.160
EETHC2D561BA
820
22 x 35
2.00
2.80
0.243
0.109
EETHC2C821BA
680
22 x 40
1.75
2.45
0.293
0.132
EETHC2D681BA
1000
22 x 40
2.20
3.08
0.199
0.090
EETHC2C102BA
820
22 x 45
2.04
2.86
0.243
0.109
EETHC2D821BA
1200
22 x 45
2.30
3.22
0.166
0.075
EETHC2C122BA
1000
22 x 50
2.30
3.22
0.199
0.090
EETHC2D102BA
680
25 x 25
1.70
2.38
0.293
0.132
EETHC2C681CA
680
25 x 30
1.75
2.45
0.293
0.132
EETHC2D681CA
820
25 x 30
2.00
2.80
0.243
0.109
EETHC2C821CA
820
25 x 35
2.04
2.86
0.243
0.109
EETHC2D821CA
1000
25 x 35
2.20
3.08
0.199
0.090
EETHC2C102CA
1000
25 x 45
2.30
3.22
0.199
0.090
EETHC2D102CA
1200
25 x 40
2.30
3.22
0.166
0.075
EETHC2C122CA
1200
25 x 50
2.65
3.71
0.166
0.075
EETHC2D122CA
1500
25 x 45
2.50
3.50
0.133
0.060
EETHC2C152CA
820
30 x 25
2.04
2.86
0.243
0.109
EETHC2D821DA
1800
25 x 50
2.70
3.78
0.111
0.050
EETHC2C182CA
1000
30 x 30
2.30
3.22
0.199
0.090
EETHC2D102DA
1000
30 x 25
2.20
3.08
0.216
0.108
EETHC2C102DA
1200
30 x 35
2.65
3.71
0.166
0.075
EETHC2D122DA
1200
30 x 30
2.30
3.22
0.166
0.075
EETHC2C122DA
1500
30 x 40
2.80
3.92
0.133
0.060
EETHC2D152DA
1500
30 x 35
2.50
3.50
0.133
0.060
EETHC2C152DA
1800
30 x 45
3.08
4.31
0.111
0.050
EETHC2D182DA
1800
30 x 40
2.70
3.78
0.111
0.050
EETHC2C182DA
2200
30 x 50
3.48
4.87
0.090
0.041
EETHC2D222DA
2200
30 x 45
2.90
4.06
0.090
0.041
EETHC2C222DA
1000
35 x 25
2.30
3.22
0.216
0.097
EETHC2D102EA
2700
30 x 50
3.10
4.34
0.080
0.040
EETHC2C272DA
1200
35 x 30
2.65
3.71
0.180
0.090
EETHC2D122EA
1200
35 x 25
2.30
3.22
0.180
0.090
EETHC2C122EA
1500
35 x 30
2.80
3.92
0.144
0.072
EETHC2D152EA
1500
35 x 30
2.50
3.50
0.155
0.077
EETHC2C152EA
1800
35 x 40
3.08
4.31
0.129
0.064
EETHC2D182EA
1800
35 x 30
2.70
3.78
0.120
0.060
EETHC2C182EA
2200
35 x 45
3.48
4.87
0.098
0.044
EETHC2D222EA
2200
35 x 35
2.90
4.06
0.098
0.049
EETHC2C222EA
2700
35 x 40
3.10
4.34
0.086
0.043
EETHC2C272EA
3300
35 x 50
3.30
4.62
0.070
0.042
EETHC2C332EA
TS-HC Series
two terminal snap-in
160 VDC Working, 200 VDC Surge
200 VDC Working, 250 VDC Surge
D
E
A With plate
Without plate
Terminal Length
B
Nominal Capacitance:
± 20%
Size (mm)
D x L
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Rated Working Voltage:
160 ~ 250 VDC
350 ~ 450 VDC
Operating Temperature:
-40 ~ +105ºC
-25 ~ +105ºC
Size (mm)
C
15% maximum (120Hz, +20°C)
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Common Code/
Terminal Type
Endurance:
D x L
6.3mm
270~3300 µF
100 ~ 820µF
2000 hours at +105ºC with maximum specified ripple current (see page 4)
Series
Code
Case Dia. /
Terminal
Capacitance Tolerance:
Dissipation Factor:
E
E
T
H
C
Top Vinyl Plate


Similar Part No. - EETHC2D391BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC2D391BA PANASONIC-EETHC2D391BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EETHC2D391BA PANASONIC-EETHC2D391BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EETHC2D391BA PANASONIC-EETHC2D391BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results

Similar Description - EETHC2D391BA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com