Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65141PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65141PWP
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65141PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS65141PWP Datasheet HTML 1Page - Texas Instruments TPS65141PWP Datasheet HTML 2Page - Texas Instruments TPS65141PWP Datasheet HTML 3Page - Texas Instruments TPS65141PWP Datasheet HTML 4Page - Texas Instruments TPS65141PWP Datasheet HTML 5Page - Texas Instruments TPS65141PWP Datasheet HTML 6Page - Texas Instruments TPS65141PWP Datasheet HTML 7Page - Texas Instruments TPS65141PWP Datasheet HTML 8Page - Texas Instruments TPS65141PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65140, TPS65141
TPS65145
SLVS497C – SEPTEMBER 2003 – REVISED APRIL 2006
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Voltages on pin VIN(2)
-0.3 V to 6 V
Voltages on pin VO1, SUP, PG (2)
-0.3 V to 15.5 V
Voltages on pin EN, MODE, ENR(2)
-0.3 V to VI + 0.3 V
Voltage on pin SW(2)
20 V
Power good maximum sink current (PG)
1 mA
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
-40
°C to 150°C
Storage temperature range
-65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
R
Θ
JA
POWER RATING
POWER RATING
POWER RATING
24-Pin TSSOP
30.13 C
°/W (PWP soldered)
3.3 W
1.83 W
1.32 W
24-Pin QFN
30 C
°/W
3.3 W
1.8 W
1.3 W
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
5.8
V
L
Inductor(1)
4.7
µH
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
(1)
See the application information section for further information.
V
in = 3.3 V, EN = VIN, VO1 = 10 V, TA= -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Vi
Input voltage range
2.7
5.5
V
ENR = GND, VO3 = 2 x VO1,
0.7
0.9
mA
IQ
Quiescent current into VIN
Boost converter not switching
VO1 = SUP = 10 V, VO3 = 2 x VO1
1.7
2.7
Charge pump quiescent
IQCharge
mA
current into SUP
VO1 = SUP = 10 V, VO3 = 3 x VO1
3.9
6
IQEN
LDO controller quiescent
ENR = VIN, EN = GND
300
800
µA
current into Vin
ISD
Shutdown current into VIN
EN = ENR = GND
1
10
µA
VUVLO
Undervoltage lockout
VI falling
2.2
2.4
V
threshold
Thermal shutdown
Temperature rising
160
°C
LOGIC SIGNALS EN, ENR
VIH
High level input voltage
1.5
V
VIL
Low level input voltage
0.4
V
II
Input leakage current
EN = GND or VIN
0.01
0.1
µA
3
Submit Documentation Feedback


Similar Part No. - TPS65141PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65141PWP TI-TPS65141PWP Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWP TI-TPS65141PWP Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPG4 TI-TPS65141PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPG4 TI-TPS65141PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65141PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com