Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G6IH-7S Datasheet(PDF) 4 Page - Winbond

Part # W9864G6IH-7S
Description  1M 횞 4BANKS16BITS SDRAM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G6IH-7S Datasheet(HTML) 4 Page - Winbond

  W9864G6IH-7S Datasheet HTML 1Page - Winbond W9864G6IH-7S Datasheet HTML 2Page - Winbond W9864G6IH-7S Datasheet HTML 3Page - Winbond W9864G6IH-7S Datasheet HTML 4Page - Winbond W9864G6IH-7S Datasheet HTML 5Page - Winbond W9864G6IH-7S Datasheet HTML 6Page - Winbond W9864G6IH-7S Datasheet HTML 7Page - Winbond W9864G6IH-7S Datasheet HTML 8Page - Winbond W9864G6IH-7S Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
W9864G6IH
Publication Release Date:Mar. 31, 2008
- 4 -
Revision A05
3.
AVAILABLE PART NUMBER
PART NUMBER
SPEED
SELF REFRESH
CURRENT (MAX.)
OPERATING
TEMPERATURE
W9864G6IH-5
200MHz/CL3
2 mA
0°C ~ 70°C
W9864G6IH-6
166MHz/CL3
2 mA
0°C ~ 70°C
W9864G6IH-7
143MHz/CL3
2 mA
0°C ~ 70°C
W9864G6IH-7S
143MHz/CL3
2 mA
0°C ~ 70°C
4.
PIN CONFIGURATION
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
LDQM
CAS
RAS
CS
BS0
BS1
A10/AP
A0
A1
A2
A3
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
NC
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VDDQ
VDDQ
VSSQ
VSSQ
VDD
VDD
VSS
VSSQ
VSSQ
VDDQ
VSS
VSS
WE
VDD
VDDQ


Similar Part No. - W9864G6IH-7S

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6IH WINBOND-W9864G6IH_10 Datasheet
672Kb / 44P
   1M 횞 4BANKS 횞 16BITS SDRAM
More results

Similar Description - W9864G6IH-7S

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6IH WINBOND-W9864G6IH_10 Datasheet
672Kb / 44P
   1M 횞 4BANKS 횞 16BITS SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
   1M 횞 4 BANKS 횞 32BIT SDRAM
logo
Integrated Silicon Solu...
IS43LR16400B ISSI-IS43LR16400B Datasheet
1Mb / 42P
   1M x 16Bits x 4Banks Mobile DDR SDRAM
logo
Winbond
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com