Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILBB-0603 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILBB-0603
Description  Multilayer Ferrite Beads
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILBB-0603 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILBB-0603_06 Datasheet HTML 1Page - Vishay Siliconix ILBB-0603_06 Datasheet HTML 2Page - Vishay Siliconix ILBB-0603_06 Datasheet HTML 3Page - Vishay Siliconix ILBB-0603_06 Datasheet HTML 4Page - Vishay Siliconix ILBB-0603_06 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34024
130
Revision: 13-Mar-06
ILBB-0603
Vishay Dale
Multilayer Ferrite Beads
TYPICAL CURVES - FREQUENCY CHARACTERISTICS OF R, X AND Z
FREQUENCY (MHz)
1
10
100
1000
50
45
40
35
30
25
20
15
10
5
0
ILBB-0603 30
Ω
Z
R
X
ILBB-0603 40
Ω
FREQUENCY (MHz)
70
60
50
40
30
20
10
0
Z
R
X
110
100
1000
ILBB-0603 60
Ω
FREQUENCY (MHz)
100
80
60
40
20
0
Z
R
X
1
10
100
1000
ILBB-0603 68
Ω
FREQUENCY (MHz)
120
100
80
60
40
20
0
Z
R
X
110
100
1000
ILBB-0603 80
Ω
FREQUENCY (MHz)
120
100
80
60
40
20
0
Z
R
X
110
100
1000
ILBB-0603 120
Ω
FREQUENCY (MHz)
180
160
140
120
100
80
60
40
20
0
Z
R
X
110
100
1000


Similar Part No. - ILBB-0603_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-0603 VISHAY-ILBB-0603_V01 Datasheet
133Kb / 5P
   Multilayer Ferrite Beads
01-Jan-2022
More results

Similar Description - ILBB-0603_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
   Multilayer Ferrite Beads
Revision: 21-Jun-11
ILBB-0603 VISHAY-ILBB-0603 Datasheet
133Kb / 4P
   Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Allied Components Inter...
MLB20 ALLIED-MLB20 Datasheet
806Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILB1206ER500V VISHAY-ILB1206ER500V Datasheet
125Kb / 5P
   Multilayer Ferrite Beads
Revision: 04-Feb-11
ILBB-0402 VISHAY-ILBB-0402_07 Datasheet
179Kb / 3P
   Multilayer Ferrite Beads
Revision: 12-Jul-07
ILBB0603 VISHAY-ILBB0603 Datasheet
151Kb / 5P
   Multilayer Ferrite Beads
ILB-1206 VISHAY-ILB-1206 Datasheet
221Kb / 5P
   Multilayer Ferrite Beads
Revision 19-Apr-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com