Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC2V121BA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETHC2V121BA
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC2V121BA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETHC2V121BA Datasheet HTML 1Page - Panasonic Semiconductor EETHC2V121BA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
22
Large Can Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
270
22 x 25
1.10
1.54
0.614
0.276
EETHC2E271BA
120
22 x 25
0.75
1.05
1.382
0.622
EETHC2V121BA
330
22 x 30
1.20
1.68
0.502
0.226
EETHC2E331BA
150
22 x 30
0.82
1.15
1.105
0.497
EETHC2V151BA
390
22 x 35
1.30
1.82
0.425
0.191
EETHC2E391BA
180
22 x 30
0.90
1.26
0.921
0.414
EETHC2V181BA
470
22 x 40
1.40
1.96
0.353
0.159
EETHC2E471BA
220
22 x 35
1.00
1.40
0.754
0.339
EETHC2V221BA
560
22 x 45
1.50
2.10
0.296
0.133
EETHC2E561BA
180
25 x 25
0.90
1.26
0.921
0.414
EETHC2V181CA
680
22 x 50
1.70
2.38
0.244
0.110
EETHC2E681BA
220
25 x 30
1.00
1.40
0.754
0.339
EETHC2V221CA
330
25 x 25
1.20
1.68
0.502
0.226
EETHC2E331CA
270
25 x 35
1.10
1.54
0.614
0.276
EETHC2V271CA
390
25 x 25
1.30
1.82
0.425
0.191
EETHC2E391CA
330
25 x 40
1.20
1.68
0.502
0.226
EETHC2V331CA
470
25 x 30
1.40
1.96
0.353
0.159
EETHC2E471CA
390
25 x 45
1.30
1.82
0.425
0.191
EETHC2V391CA
560
25 x 35
1.50
2.10
0.296
0.133
EETHC2E561CA
470
25 x 50
1.40
1.96
0.353
0.159
EETHC2V471CA
680
25 x 40
1.70
2.38
0.244
0.110
EETHC2E681CA
270
30 x 25
1.10
1.54
0.614
0.276
EETHC2V271DA
820
25 x 45
2.00
2.80
0.202
0.091
EETHC2E821CA
330
30 x 30
1.20
1.68
0.502
0.226
EETHC2V331DA
470
30 x 25
1.40
1.96
0.353
0.159
EETHC2E471DA
390
30 x 35
1.30
1.82
0.425
0.191
EETHC2V391DA
560
30 x 25
1.50
2.10
0.296
0.133
EETHC2E561DA
560
30 x 45
1.50
2.10
0.296
0.133
EETHC2V561DA
680
30 x 30
1.70
2.38
0.244
0.110
EETHC2E681DA
680
30 x 50
1.70
2.38
0.244
0.110
EETHC2V681DA
820
30 x 35
2.00
2.80
0.202
0.091
EETHC2E821DA
470
35 x 30
1.40
1.96
0.353
0.159
EETHC2V471EA
1000
30 x 40
2.20
3.08
0.166
0.075
EETHC2E102DA
560
35 x 35
1.50
2.10
0.296
0.133
EETHC2V561EA
1200
30 x 45
2.30
3.22
0.138
0.062
EETHC2E122DA
680
35 x 40
1.70
2.38
0.244
0.110
EETHC2V681EA
680
35 x 25
1.70
2.38
0.244
0.110
EETHC2E681EA
820
35 x 45
1.90
2.66
0.202
0.091
EETHC2V821EA
820
35 x 30
2.00
2.80
0.202
0.091
EETHC2E821EA
1500
35 x 45
2.50
3.50
0.111
0.050
EETHC2E152EA
1800
35 x 50
2.70
3.78
0.092
0.041
EETHC2E182EA
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
100
22 x 25
0.70
0.98
1.824
0.821
EETHC2G101BA
100
22 x 30
0.64
0.90
1.824
0.821
EETHC2W101BA
120
22 x 30
0.75
1.05
1.520
0.684
EETHC2G121BA
120
22 x 35
0.72
1.01
1.520
0.684
EETHC2W121BA
150
22 x 30
0.88
1.23
1.216
0.547
EETHC2G151BA
150
22 x 40
0.79
1.11
1.216
0.547
EETHC2W151BA
180
22 x 35
0.95
1.33
1.013
0.456
EETHC2G181BA
180
22 x 45
0.87
1.22
1.013
0.456
EETHC2W181BA
220
22 x 45
1.10
1.54
0.829
0.373
EETHC2G221BA
100
25 x 25
0.64
0.90
1.824
0.821
EETHC2W101CA
270
22 x 50
1.22
1.71
0.675
0.304
EETHC2G271BA
120
25 x 30
0.72
1.01
1.520
0.684
EETHC2W121CA
180
25 x 30
0.95
1.33
1.013
0.456
EETHC2G181CA
150
25 x 30
0.79
1.11
1.216
0.547
EETHC2W151CA
220
25 x 35
1.10
1.54
0.829
0.373
EETHC2G221CA
180
25 x 40
0.87
1.22
1.013
0.456
EETHC2W181CA
270
25 x 40
1.22
1.71
0.675
0.304
EETHC2G271CA
220
25 x 45
1.00
1.40
0.829
0.373
EETHC2W221CA
330
25 x 45
1.44
2.02
0.553
0.249
EETHC2G331CA
270
25 x 50
1.19
1.67
0.675
0.304
EETHC2W271CA
390
25 x 50
1.55
2.17
0.468
0.210
EETHC2G391CA
150
30 x 25
0.79
1.11
1.216
0.547
EETHC2W151DA
220
30 x 25
1.10
1.54
0.829
0.373
EETHC2G221DA
180
30 x 30
0.87
1.22
1.013
0.456
EETHC2W181DA
270
30 x 30
1.22
1.71
0.675
0.304
EETHC2G271DA
220
30 x 30
1.00
1.40
0.829
0.373
EETHC2W221DA
330
30 x 35
1.44
2.02
0.553
0.249
EETHC2G331DA
270
30 x 40
1.19
1.67
0.675
0.304
EETHC2W271DA
390
30 x 40
1.55
2.17
0.468
0.210
EETHC2G391DA
330
30 x 45
1.38
1.93
0.553
0.249
EETHC2W331DA
470
30 x 45
1.68
2.35
0.388
0.175
EETHC2G471DA
390
30 x 50
1.55
2.17
0.468
0.210
EETHC2W391DA
560
30 x 50
1.90
2.66
0.326
0.147
EETHC2G561DA
220
35 x 25
1.00
1.40
0.829
0.373
EETHC2W221EA
270
35 x 25
1.22
1.71
0.675
0.304
EETHC2G271EA
270
35 x 30
1.19
1.67
0.675
0.304
EETHC2W271EA
330
35 x 30
1.44
2.02
0.553
0.249
EETHC2G331EA
330
35 x 35
1.38
1.93
0.553
0.249
EETHC2W331EA
390
35 x 30
1.55
2.17
0.468
0.210
EETHC2G391EA
390
35 x 40
1.55
2.17
0.468
0.210
EETHC2W391EA
470
35 x 35
1.68
2.35
0.388
0.175
EETHC2G471EA
470
35 x 45
1.74
2.44
0.388
0.175
EETHC2W471EA
560
35 x 40
1.90
2.66
0.326
0.147
EETHC2G561EA
560
35 x 50
1.90
2.66
0.326
0.147
EETHC2W561EA
680
35 x 45
2.12
2.97
0.268
0.121
EETHC2G681EA
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
D x L
D x L
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Size (mm)
250 VDC Working, 300 VDC Surge
350 VDC Working, 400 VDC Surge
400 VDC Working, 450 VDC Surge
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
D x L
D x L
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Size (mm)
450 VDC Working, 500 VDC Surge


Similar Part No. - EETHC2V121BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC2V121BA PANASONIC-EETHC2V121BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results

Similar Description - EETHC2V121BA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com