Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL4060PT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SBL4060PT
Description  Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SBL4060PT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SBL4060PT Datasheet HTML 1Page - Sirectifier Semiconductors SBL4060PT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL4050PT thru SBL4060PT
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-247AD molded plastic
* Polarity: As marked on the body
* Weight: 0.2 ounces, 5.6 grams
* Mounting position: Any
Low VF Schottky Barrier Rectifiers
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
SBL4050PT
SBL4060PT
VRRM
V
50
60
VRMS
V
35
42
VDC
V
50
60
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=100 C
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 20A DC
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Junction Capacitance Per Element (Note 1)
TSTG
Storage Temperature Range
Maximum Ratings
40
375
0.70
10
100
800
-55 to +150
A
A
V
Unit
mA
pF
o
o
o
C
o
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Thermal Resistance Junction To Case.
Typical Thermal Resistance (Note 2)
1.4
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +125
C
o
@TJ=25 C
o


Similar Part No. - SBL4060PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4060PT DIODES-SBL4060PT Datasheet
54Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
SBL4060PT DIODES-SBL4060PT Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Inchange Semiconductor ...
SBL4060PT ISC-SBL4060PT Datasheet
257Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SBL4060PT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com