Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE450HK5220JR05 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHE450HK5220JR05
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450HK5220JR05 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHE450HK5220JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450HK5220JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
234
250
400
630
1000
1600
2000
2500
180
250
300/400 375/600 650
700
900
330pF–
330pF–
330pF–
330pF–
2.7nF–
1.0nF–
1nF–
6.8
µF
4.7
µF
2.7
µF
1.2
µF
0.82
µF 0.39µF 39nF
In accordance with IEC E12 series.
±5% standard. Other tolerances on request
–55° C to +105° C
+85° C
The rated voltage is decreased with 1.3% / ° C
between +85° C and +105° C
55/105/56
The 100 % factory test is carried out at 1.6 x U
R VDC
Measured at 23° C, 100 VDC 60s for U
R < 500 VDC
and at 500 VDC for U
R ≥ 500 VDC
Between terminals:
C
≤ 0.33 µF: ≥ 100 000 MΩ
C > 0.33 µF:
≥ 30 000 s
Between terminals and case:
≥ 100 000 MΩ
Maximum values at 23°C
C
≤ 0.1 µF 0.1 µF < C ≤ 1.0 µF
C > 1.0 µF
1 kHz
0.03 %
0.03 %
0.03 %
10 kHz
0.04 %
0.06 %
100 kHz
0.15 %
Approximately 6 nH/cm for the total length of capacitor
winding and the leads.
The capacitors can withstand an unlimited number of pulses
with a dU/dt according to the article table. For peak to peak
voltages lower than the rated voltage (U
PP < UR), the specified
dU/dt can be multiplied by U
R/UPP.
PHE450
• Double metallized film pulse capacitor, polypropylene dielectric
• According to IEC 60384-17 Grade 1.1
• Small sizes
• Replacing PHE427, PHE428
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
High frequency applications with high
current stress, such as deflection circuits
in TV-sets, protection circuits in SMPS and
in electronic ballasts.
Polypropylene dielectric with double
metallized polyester film as electrodes.
Encapsulation in self-extinguishing material
meeting the requirements of UL 94V-0.
Rated voltage U
R, VDC
Rated voltage U
R
, VAC
Capacitance range
Capacitance values
Capacitance tolerance
Category
temperature range
Rated temperature
Voltage derating
Climatic category
Test voltage
between terminals
Insulation resistance
Dissipation factor tan
δδδδδ
Inductance
Pulse rise time
ENVIRONMENTAL TEST DATA
According to IEC 60384-17, Grade 1.1 and Quality tests and requirements for Pulse
Capacitors in the Evox Rifa Film Capacitors catalogue.
L
H
B
p
l
∅ d
0.5
b
p
d
std I max I
b
7.5 ± 0.4
0.6
5-1
30
± 0.4
10.0 ± 0.4
0.6
5-1
30
± 0.4
15.0 ± 0.4
0.8
6-1
30
± 0.4
22.5 ± 0.4
0.8
6-1
30
± 0.4
27.5 ± 0.4
0.8
6-1
30
± 0.4
37.5 ± 0.5
1.0
6-1
30
± 0.7
Three different winding constructions are
used, depending on voltage and lead
spacing. They are specified in the article
table.
1 section construction
2 section construction
3 section construction


Similar Part No. - PHE450HK5220JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450HK5180FB04R06 KEMET-PHE450HK5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180GB04R06 KEMET-PHE450HK5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180HB04R06 KEMET-PHE450HK5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180JB04R06 KEMET-PHE450HK5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180KB04R06 KEMET-PHE450HK5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450HK5220JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com