Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2471 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C2471
Description  RDFC Controllers for Offline Applications up to 6 W
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2471 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C2471 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 7Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 8Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
C2471
Datasheet
RDFC Controllers for Offline Applications up to 6 W
Product data
Page 2 of 18
DS-1639-0805
© Cambridge Semiconductor Ltd 2008
02-May-2008
PIN DEFINITIONS
Figure 2: C2471 Pin Assignment
(drawings are not to scale)
VDD Pin
The VDD pin supplies power to the controller and is maintained at the correct voltage (nominally 3.3 V) by an
internal shunt regulator.
COL Pin
The COL pin is used to sense the collector voltage of the primary switching transistor, via a coupling
capacitor, to control the timing and current levels of the signals produced on the BAS pin.
CS Pin
The CS pin senses the primary switch current via the current sensing resistor. The voltage sensed on this
pin is used to control the operating modes to manage standby and overload protection. Operating
characteristics are programmed via two external resistors.
AUX Pin
The AUX pin provides the supply current for the internal base driver block. The AUX pin is connected to the
external supply rail via a current-limiting resistor to set the maximum base current.
BAS Pin
The BAS pin switches the external bipolar primary switch transistor on and off. The current supplied to the
switch transistor is controlled to minimize the switching losses and thereby help optimize overall system
efficiency.
GND Pin
GND pins provide the ground reference. Where the device has multiple GND pins, all must be connected to
a common, low impedance path.
1
2
3
4
8
7
6
5
1
2
3
6
5
4
BAS
GND
COL
AUX
VDD
CS
GND
NC
NC
BAS
COL
CS
VDD
AUX
C2471LX2
SOT23-6
C2471LW1
PDIP-8


Similar Part No. - C2471

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2471A GENERAL-C2471A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
More results

Similar Description - C2471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2472 ETC2-C2472 Datasheet
466Kb / 18P
   RDFC Controllers for Offline Applications
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
   Entry level PMIC for applications requiring up to 6 A
logo
STMicroelectronics
STLUX STMICROELECTRONICS-STLUX Datasheet
3Mb / 126P
   Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
STMicroelectronics
HVLED807PF STMICROELECTRONICS-HVLED807PF Datasheet
1Mb / 36P
   Offline LED driver with primary-sensing and high power factor up to 7 W
February 2013 Rev 5
STTH3BCF060 STMICROELECTRONICS-STTH3BCF060 Datasheet
112Kb / 8P
   suitable for PFC up to 400 W
October 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com