Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1010SY28ZC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA1010SY28ZC
Description  XPower
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA1010SY28ZC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA1010SY28ZC Datasheet HTML 1Page - Kingbright Corporation AA1010SY28ZC Datasheet HTML 2Page - Kingbright Corporation AA1010SY28ZC Datasheet HTML 3Page - Kingbright Corporation AA1010SY28ZC Datasheet HTML 4Page - Kingbright Corporation AA1010SY28ZC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO:DSAH7222
REV NO: V.1
DATE: SEP/03/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: W.J.HUA
ERP:1201003301
Selection Guide
Part No.
Dice
Lens Type
luminous Intensity [2]
Iv(cd)@ 350mA
Фv (lm) [2]
@ 350mA
Viewing
Angle [1]
Min.
Typ.
Min.
Typ.
2
θ1/2
AA1010SY28ZC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
5.7
9
12.5
23
120
°
Parameter
Symbol
Value
Unit
Power dissipation
Pt
1.2
W
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +85
°C
DC Forward Current [1]
IF
350
mA
Peak Forward Current [2]
IFM
500
mA
Thermal resistance [1]
Rth
80
°C/W
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Wavelength at peak emission
IF=350mA
[Typ.]
λpeak
590
nm
Dominant Wavelength
IF=350mA [Typ.]
λdom [1]
588
nm
Spectral bandwidth at 50%
ΦREL MAX IF=350mA [Typ.]
Δλ
20
nm
Forward Voltage IF=350mA [Min.]
VF [2]
2.0
V
Forward Voltage IF=350mA [Typ.]
2.5
Forward Voltage IF=350mA [Max.]
3.0
Temperature coefficient of
λpeak
IF=350mA, -10
°C≤ T≤100°C [Typ.]
TCλpeak
0.15
nm/
°C
Temperature coefficient of
λdom
IF=350mA, -10
°C≤ T≤100°C [Typ.]
TCλdom
0.13
nm/
°C
Temperature coefficient of VF
IF=350mA, -10
°C≤ T≤100°C [Typ.]
TCV
-2.0
mV/
°C
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity / luminous flux: +/-15%.
Notes:
1.Results from mounting on PC board FR4(pad size
≥100mm2 per pad), mounted on pc board-metal core PCB is recommend
for lowest thermal Resistance.
2.1/10 Duty Cycle, 0.1ms Pulse Width.
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Similar Part No. - AA1010SY28ZC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1010SE28ZC KINGBRIGHT-AA1010SE28ZC Datasheet
239Kb / 5P
   XPower
AA1010SEC28 KINGBRIGHT-AA1010SEC28 Datasheet
283Kb / 5P
   XPower
More results

Similar Description - AA1010SY28ZC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1010QW10ZC KINGBRIGHT-AA1010QW10ZC Datasheet
281Kb / 7P
   XPower
AA1010SEC28 KINGBRIGHT-AA1010SEC28 Datasheet
283Kb / 5P
   XPower
AA1010QB10ZC KINGBRIGHT-AA1010QB10ZC Datasheet
280Kb / 6P
   XPower
AAD1-9090QB11ZC KINGBRIGHT-AAD1-9090QB11ZC Datasheet
192Kb / 5P
   XPower
AAD1-9090BRGC-01 KINGBRIGHT-AAD1-9090BRGC-01 Datasheet
255Kb / 7P
   XPower
AAD1-1010QB9ZC KINGBRIGHT-AAD1-1010QB9ZC Datasheet
299Kb / 5P
   XPower
AAD1-1010ZG9ZC KINGBRIGHT-AAD1-1010ZG9ZC Datasheet
297Kb / 5P
   XPower
AAD1-9090QW11ZC KINGBRIGHT-AAD1-9090QW11ZC Datasheet
195Kb / 6P
   XPower
AA1010ZG10ZC KINGBRIGHT-AA1010ZG10ZC Datasheet
282Kb / 6P
   XPower
AA1010SE28ZC KINGBRIGHT-AA1010SE28ZC Datasheet
239Kb / 5P
   XPower
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com