Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016BT90T6T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58BW016BT90T6T
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016BT90T6T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58BW016BT90T6T Datasheet HTML 7Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 8Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 9Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 10Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 11Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 12Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 13Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 14Page - STMicroelectronics M58BW016BT90T6T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
11/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Table 2. Top Boot Block Addresses,
M58BW016BT, M58BW016DT
Note: 1. TP = Tuning Protected Block, only available for the
M58BW016B.
#
Size (Kbit)
Address Range
TP(1)
38
64
7F800h-7FFFFh
yes
37
64
7F000h-7F7FFh
yes
36
64
7E800h-7EFFFh
no
35
64
7E000h-7E7FFh
no
34
64
7D800h-7DFFFh
no
33
64
7D000h-7D7FFh
no
32
64
7C800h-7CFFFh
no
31
64
7C000h-7C7FFh
no
30
512
78000h-7BFFFh
no
29
512
74000h-77FFFh
no
28
512
70000h-73FFFh
no
27
512
6C000h-6FFFFh
no
26
512
68000h-6BFFFh
no
25
512
64000h-67FFFh
no
24
512
60000h-63FFFh
no
23
512
5C000h-5FFFFh
yes
22
512
58000h-5BFFFh
yes
21
512
54000h-57FFFh
yes
20
512
50000h-53FFFh
yes
19
512
4C000h-4FFFFh
yes
18
512
48000h-4BFFFh
yes
17
512
44000h-47FFFh
yes
16
512
40000h-43FFFh
yes
15
512
3C000h-3FFFFh
yes
14
512
38000h-3BFFFh
yes
13
512
34000h-37FFFh
yes
12
512
30000h-33FFFh
yes
11
512
2C000h-2FFFFh
yes
10
512
28000h-2BFFFh
yes
9
512
24000h-27FFFh
yes
8
512
20000h-23FFFh
yes
7
512
1C000h-1FFFFh
yes
6
512
18000h-1BFFFh
yes
5
512
14000h-17FFFh
yes
4
512
10000h-13FFFh
yes
3
512
0C000h-0FFFFh
yes
2
512
08000h-0BFFFh
yes
1
512
04000h-07FFFh
yes
0
512
00000h-03FFFh
yes
#
Size (Kbit)
Address Range
TP(1)


Similar Part No. - M58BW016BT90T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016DB MICRON-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M58BW016DB70T3FF STMICROELECTRONICS-M58BW016DB70T3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016DB70T3FT STMICROELECTRONICS-M58BW016DB70T3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results

Similar Description - M58BW016BT90T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
M28W800CT STMICROELECTRONICS-M28W800CT Datasheet
369Kb / 49P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
STMicroelectronics
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com