Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5901L Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SA5901L
Description  4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA5901L Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SA5901L Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 10Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SA5901
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2006.02.27
Http: www.silan.com.cn
Page 7 of 24
(Continued)
Characteristics
Symbol
Test conditions
Min. Typ. Max. Unit
Test
circuit No
BSEN pin input leak current
IBSENL
VSYS1=VSYS2=0V,
BSEN=4.5V
--
--
1.0
µA
Test
circuit 3
68
SEL pin detection voltage
VSELTH
VSELTH=BATT-SEL,
BSEN=2V
1.5
--
--
V
Test
circuit 3
69
SEL pin detection current
ISELT
-2
--
--
µA
Test
circuit 3
70
Reset circuit section
VSYS1 reset threshold voltage
ratio
HSRT
Ratio of VSYS1 voltage and
error-amp threshold voltage
85
90
95
%
Test
circuit 3
71
Reset detection hysteresis width VRSTHS
25
50
100
mV
Test
circuit 3
72
RESET pin output voltage
VRST
IO=1mA, VSYS1=VSYS2=2.8V
--
--
0.5
V
Test
circuit 3
73
RESET pin pull up resistance
RRST
72
90
108
k
Test
circuit 3
74
AMUTE pin output voltage 1
VAMT1
IO=-1mA,
VSYS1=VSYS2=2.8V
BAT
T-0.4
--
BATT
V
Test
circuit 3
75
AMUTE pin output voltage 2
VAMT2
IO=-1mA, VSYS1=VSYS2=0V,
START=0V
BAT
T-0.4
--
BATT
V
Test
circuit 3
76
AMUTE pin pull down resistance
RAMT
77
95
113
k
Test
circuit 3
77
Operational amplifier section
Input bias current
IBIAS
--
--
300
nA
Test
circuit 1
78
Input offset voltage
VOIOP
-5.5
0
5.5
mV
Test
circuit 1
79
High level output voltage
VOHOP RL=OPEN
3.0
--
--
V
Test
circuit 1
80
Low level output voltage
VOLOP RL=OPEN
--
--
0.2
V
Test
circuit 1
81
Output drive current (source)
VSOU
Output short to GND by 50
--
-3
-1
mA
Test
circuit 1
82
Output drive current (sink)
ISIN
Output short to VSYS by
50
0.4
0.7
--
mA
Test
circuit 1
83
Open loop voltage gain
GVO
IN=-75dBV, f=1kHz
--
70
--
dB
Test
circuit 1
84
Slew rate
SR
--
0.5
--
V/
µsec
Test
circuit 1
85
(To be continued)


Similar Part No. - SA5901L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA5954 ETC1-SA5954 Datasheet
278Kb / 7P
   SA5954
logo
Silan Microelectronics ...
SA5954 SILAN-SA5954 Datasheet
237Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
More results

Similar Description - SA5901L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
   Portable CD Player Actuator Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Panasonic Semiconductor
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
   PWM driver IC for portable CD player
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1538 MITSUMI-MM1538 Datasheet
894Kb / 24P
   4ch Moter driver IC for Portable CD Player
logo
Unisonic Technologies
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com