Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5901L Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA5901L
Description  4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA5901L Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA5901L Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA5901L Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SA5901
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2006.02.27
Http: www.silan.com.cn
Page 5 of 24
(Continued)
Characteristics
Symbol
Test conditions
Min. Typ. Max. Unit
Test
circuit No
SPRT pin current 1 E0=H
ISPR1
EI=0.7V
6
10
16
µA
Test
circuit 1
32
SPRT pin current 2 OFF=L
ISPR2
EI=1.3V, OFF=0V
12
20
32
µA
Test
circuit 1
33
SPRT
pin
current
3
(over-
voltage)
ISPR3
EI=1.3V, BATT=9.5V
12
20
32
µA
Test
circuit 1
34
SPRT pin impedance
RSPR
175
220
265
k
Test
circuit 1
35
SPRT pin threshold voltage
VSPTH
EI=0.7V, CT=0V
1.10 1.20 1.30
V
Test
circuit 1
36
Over-voltage protection detect
VHVPR BSEN pin voltage
8.0
8.4
9.0
V
Test
circuit 1
37
Transistor driving section
SW pin output voltage 1H
VSW1H
BATT=CT=1.5V
VSYS1=VSYS2=0V
IO=2mA, at starter
0.78 0.98 1.13
V
Test
circuit 1
38
SW pin output voltage 2H
VSW2H
CT=0V, IO=-10mA, EI=0.7V,
SPRT=0V
1.0
1.50
--
V
Test
circuit 1
39
SW pin output voltage 2L
VSW2L CT=2V, IO=10mA
--
0.3
0.45
V
Test
circuit 1
40
SW pin oscillating frequency 1
fSW1
CT=470pF,
VSYS1=VSYS2=0V,
at starter
65
80
95
KHz
Test
circuit 3
41
SW pin oscillating frequency 2
fSW2
CT=470pF, CLK=0V
60
70
82
KHz
Test
circuit 3
42
SW pin oscillating frequency 3
fSW3
CT=470pF
--
88.2
--
KHz
Test
circuit 3
43
SW pin minimum pulse width
TSWMIN
CT=470pF,
E0=0.5
→0.7V
sweep
0.01
--
0.6 Usec
Test
circuit 3
44
Pulse duty at start
DSW1
CT=470pF,
VSYS1=VSYS2=0V
40
50
60
%
Test
circuit 3
45
Max. pulse duty at seld-runing
DSW2
EI=0.7V,
CT=470pF,
CLK=0V
70
80
90
%
Test
circuit 3
46
Max.
pulse
duty
at
CLK
synchronization
DSW3 EI=0.7V, CT=470pF
65
75
85
%
Test
circuit 3
47
Dead time section
DEAD pin impedance
RDEAD
52
65
78
K
Test
circuit 1
48
DEAD pin output voltage
VDEAD
0.78 0.88 0.98
V
Test
circuit 1
49
(To be continued)


Similar Part No. - SA5901L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA5954 ETC1-SA5954 Datasheet
278Kb / 7P
   SA5954
logo
Silan Microelectronics ...
SA5954 SILAN-SA5954 Datasheet
237Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
More results

Similar Description - SA5901L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
   Portable CD Player Actuator Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Panasonic Semiconductor
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
   PWM driver IC for portable CD player
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1538 MITSUMI-MM1538 Datasheet
894Kb / 24P
   4ch Moter driver IC for Portable CD Player
logo
Unisonic Technologies
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com