Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61054 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61054
Description  HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61054 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61054_08 Datasheet HTML 1Page - Texas Instruments TPS61054_08 Datasheet HTML 2Page - Texas Instruments TPS61054_08 Datasheet HTML 3Page - Texas Instruments TPS61054_08 Datasheet HTML 4Page - Texas Instruments TPS61054_08 Datasheet HTML 5Page - Texas Instruments TPS61054_08 Datasheet HTML 6Page - Texas Instruments TPS61054_08 Datasheet HTML 7Page - Texas Instruments TPS61054_08 Datasheet HTML 8Page - Texas Instruments TPS61054_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DEVICE INFORMATION
PIN ASSIGNMENTS
TPS61054, TPS61055
SLUS760A – SEPTEMBER 2007 – REVISED MAY 2008 .................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
(QFN)
(CSP)
AVIN
5
D3
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
VOUT
9
A2
O
Boost converter output.
LED
6
D2
I
LED return input. This feedback pin regulates the LED current through the internal sense
resistor by regulating the voltage across it. The regulation operates with typically 250 mV
dropout voltage. Connect to the cathode of the LED.
FLASH_SYNC
10
A1
I
Flash strobe pulse synchronization input.
FLASH_SYNC = LOW (GND): The device is operating and regulating the LED current to
the torch current level (TC).
FLASH_SYNC = HIGH (VIN): The device is operating and regulating the LED current to the
flash current level (FC).
MODE0
2
B3
I
Mode selection inputs. These pins must not be left floating and must be terminated.
MODE1
1
A3
I
MODE0 = 0, MODE1 = 0: Device in shutdown mode
MODE0 = 1, MODE1 = 0: Device in torch only mode
MODE0 = 0, MODE1 = 1: Device in torch and flash mode
MODE0 = 1, MODE1 = 1: Device in constant voltage regulation mode
Tx-TOFF
3
C3
I
RF PA synchronization input.
Tx-TOFF = LOW : The device is operating normally.
Tx-TOFF = HIGH : The device is forced into torch mode.
SW
8
B1, B2
I/O
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of
the inductor. SW is high impedance during shutdown.
PGND
7
C1, C2
Power ground. Connect to AGND underneath IC.
AGND
4
D1
Analog ground.
PowerPAD™
N/A
Internally connected to PGND.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s) :TPS61054, TPS61055


Similar Part No. - TPS61054_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054DRC TI-TPS61054DRC Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRCT TI1-TPS61054DRCT Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61054YZG TI-TPS61054YZG Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054YZGR TI1-TPS61054YZGR Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
More results

Similar Description - TPS61054_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com