Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61055 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61055
Description  HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61055 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61055 Datasheet HTML 6Page - Texas Instruments TPS61055 Datasheet HTML 7Page - Texas Instruments TPS61055 Datasheet HTML 8Page - Texas Instruments TPS61055 Datasheet HTML 9Page - Texas Instruments TPS61055 Datasheet HTML 10Page - Texas Instruments TPS61055 Datasheet HTML 11Page - Texas Instruments TPS61055 Datasheet HTML 12Page - Texas Instruments TPS61055 Datasheet HTML 13Page - Texas Instruments TPS61055 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
V =4.2V,
I
=75mA
I
LED
(500mV/div-3.5VOffset)
VOUT
LEDHeadroomVoltage
t-Time=250ns/div
(1V/div)
(50mA/div)
ILED
I
(50mA/div)
L
V =3.6V,V =5V,
I =500mA,I
=1500mA
I
O
O
LIM
t-Time=125ns/div
I
(200mA/div-0.6 A Offset)
L
V
(50mV/div-5VOffset)
OUT
SW
(2V/div)
I
(200mA/div-0.3 A Offset)
L
V =3.6Vto3.9V,
I
=500mA,I
=1500mA
I
LED
LIM
V
(200mV/div-4VOffset)
OUT
BatteryVoltage
(200mV/div-4VOffset)
I
(100mA/div-0.3 A Offset)
LED
t-Time=20 s/div
m
V =3.6V,V
=5V,
I
=1500mA
I
O
LIM
t-Time=50 s/div
m
V
(500mV/div-5VOffset)
OUT
I
(500mA/div)
L
I
(500mA/div)
OUT
TPS61054, TPS61055
SLUS760A – SEPTEMBER 2007 – REVISED MAY 2008 .................................................................................................................................................. www.ti.com
PWM OPERATION
DOWN-MODE OPERATION
Figure 13.
Figure 14.
VOLTAGE MODE LOAD TRANSIENT RESPONSE
DOWN-MODE LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s) :TPS61054, TPS61055


Similar Part No. - TPS61055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61055 TI-TPS61055 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61055DRC TI-TPS61055DRC Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61055DRCR TI1-TPS61055DRCR Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61055DRCT TI1-TPS61055DRCT Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61055YZG TI-TPS61055YZG Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
More results

Similar Description - TPS61055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com