Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F240PQS Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320F240PQS
Description  DSP CONTROLLER
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240PQS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320F240PQS Datasheet HTML 5Page - Texas Instruments TMS320F240PQS Datasheet HTML 6Page - Texas Instruments TMS320F240PQS Datasheet HTML 7Page - Texas Instruments TMS320F240PQS Datasheet HTML 8Page - Texas Instruments TMS320F240PQS Datasheet HTML 9Page - Texas Instruments TMS320F240PQS Datasheet HTML 10Page - Texas Instruments TMS320F240PQS Datasheet HTML 11Page - Texas Instruments TMS320F240PQS Datasheet HTML 12Page - Texas Instruments TMS320F240PQS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
SUPPLY SIGNALS
CVSS
8
I
Digital core logic ground reference
VSS
3
14
20
29
46
59
I
Digital logic gro nd reference
VSS
59
61
71
92
104
113
120
I
Digital logic ground reference
VSSA
87
I
Analog ground reference
DV
2
13
21
47
I
Digital I/O logic supply voltage
DVDD
47
62
93
103
121
I
Digital I/O logic supply voltage
CV
7
I
Digital core logic s ppl
oltage
CVDD
60
I
Digital core logic supply voltage
VCCA
84
I
Analog supply voltage
VREFHI
85
I
ADC analog voltage reference high
VREFLO
86
I
ADC analog voltage reference low
TEST SIGNALS
TCK
30
I
JTAG test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The changes on
test-access port (TAP) input signals (TMS and TDI) are clocked into the TAP controller, instruction reg-
ister, or selected test data register of the C2xx core on the rising edge of TCK. Changes at the TAP
output signal (TDO) occur on the falling edge of TCK.
TDI
31
I
JTAG test data input (TDI). TDI is clocked into the selected register (instruction or data) on a rising
edge of TCK.
TDO
34
O/Z
JTAG test data output (TDO). The contents of the selected register (instruction or data) are shifted out
of TDO on the falling edge of TCK. TDO is in the high-impedance state when OFF is active low.
TMS
33
I
JTAG test mode select. This serial control input is clocked into the TAP controller on the rising edge
of TCK.
† I = input, O = output, Z = high impedance


Similar Part No. - TMS320F240PQS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQS TI-TMS320F240PQS Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
TMS320F240PQS TI-TMS320F240PQS Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320F240PQS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com