Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650245 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650245
Description  Power Management ICs for Li-Ion Powered Systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650245 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS650245 Datasheet HTML 5Page - Texas Instruments TPS650245 Datasheet HTML 6Page - Texas Instruments TPS650245 Datasheet HTML 7Page - Texas Instruments TPS650245 Datasheet HTML 8Page - Texas Instruments TPS650245 Datasheet HTML 9Page - Texas Instruments TPS650245 Datasheet HTML 10Page - Texas Instruments TPS650245 Datasheet HTML 11Page - Texas Instruments TPS650245 Datasheet HTML 12Page - Texas Instruments TPS650245 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
24
23
22
21
20
19
18
17
910111213141516
3231302928272625
VDCDC3
PGND3
L3
VINDCDC3
VINDCDC1
L1
PGND1
VDCDC1
EN_Vdd_alive
MODE
DEFDCDC2
PWRFAIL
EN_DCDC1
EN_DCDC2
EN_DCDC3
EN_LDO
1
2
3
4
5
6
7
8
TPS65024
TPS650240
,, TPS650241
TPS650242, TPS650243
TPS650244, TPS650245
SLVS774A – JUNE 2007 – REVISED DECEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SWITCHING REGULATOR SECTION
AGND1
31
Analog ground connection. All analog ground pins are connected internally on the chip.
AGND2
13
Analog ground connection. All analog ground pins are connected internally on the chip.
PowerPad
Connect the power pad to analog ground.
VINDCDC1
5
I
Input voltage for VDCDC1 step-down converter. This must be connected to the same voltage supply as
VINDCDC2, VINDCDC3 and VCC.
L1
6
Switch pin of VDCDC1 converter. The VDCDC1 inductor is connected here.
VDCDC1
8
I
VDCDC1 feedback voltage sense input, connect directly to VDCDC1
PGND1
7
Power ground for VDCDC1 converter
VINDCDC2
28
I
Input voltage for VDCDC2 step-down converter. This must be connected to the same voltage supply as
VINDCDC1, VINDCDC3 and VCC.
L2
27
Switch pin of VDCDC2 converter. The VDCDC2 inductor is connected here.
VDCDC2
25
I
VDCDC2 feedback voltage sense input, connect directly to VDCDC2
PGND2
26
Power ground for VDCDC2 converter
VINDCDC3
4
I
Input voltage for VDCDC3 step-down converter. This must be connected to the same voltage supply as
VINDCDC1, VINDCDC2 and VCC.
L3
3
Switch pin of VDCDC3 converter. The VDCDC3 inductor is connected here.
VDCDC3
1
I
VDCDC3 feedback voltage sense input, connect directly to VDCDC3
PGND3
2
Power ground for VDCDC3 converter
Vcc
29
I
Power supply for digital and analog circuitry of DCDC1, DCDC2 and DCDC3 DC-DC converters. This must be
connected to the same voltage supply as VINDCDC3, VINDCDC1 and VINDCDC2.
DEFDCDC1
9
I
Input signal indicating default VDCDC1 voltage, 0 = 2.80V, 1 = 3.3V
This pin can also be connected to a resistor divider between VDCDC1 and GND. In this case the output
voltage of the DCDC1 converter can be set in a range from 0.6V to VINDCDC1
DEFDCDC2
22
I
Input signal indicating default VDCDC2 voltage, 0=1.8V, 1=2.5V
This pin can also be connected to a resistor divider between VDCDC2 and GND. In this case the output
voltage of the DCDC2 converter can be set in a range from 0.6V to VINDCDC2.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650245 TI-TPS650245 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650245RHB TI-TPS650245RHB Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650245RHBR TI-TPS650245RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650245RHBR TI1-TPS650245RHBR Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650245RHBRG4 TI-TPS650245RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com