Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650240RHBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650240RHBR
Description  Power Management ICs for Li-Ion Powered Systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650240RHBR Datasheet(HTML) 2 Page - Texas Instruments

  TPS650240RHBR Datasheet HTML 1Page - Texas Instruments TPS650240RHBR Datasheet HTML 2Page - Texas Instruments TPS650240RHBR Datasheet HTML 3Page - Texas Instruments TPS650240RHBR Datasheet HTML 4Page - Texas Instruments TPS650240RHBR Datasheet HTML 5Page - Texas Instruments TPS650240RHBR Datasheet HTML 6Page - Texas Instruments TPS650240RHBR Datasheet HTML 7Page - Texas Instruments TPS650240RHBR Datasheet HTML 8Page - Texas Instruments TPS650240RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
TPS650240
,, TPS650241
TPS650242, TPS650243
TPS650244, TPS650245
SLVS774A – JUNE 2007 – REVISED DECEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
VOLTAGE AT
OUTPUT CURRENT ON DCDC1
VOLTAGE AT
TA
PACKAGE
PART NUMBER(2)
DCDC3
/ DCDC2 / DCDC3
VDD_ALIVE
1.0V / 1.3V
1.0A / 0.8A / 0.8A
1.2V
TPS650240RHB
0.9V / 1.375V
1.6A / 1.0A / 0.8A
1.2V
TPS650241RHB
1.0V / 1.5V
1.0A / 0.8A / 0.8A
1.2V
TPS650242RHB
–40
°C to
32 Pin QFN
85
°C
(RHB)
1.0V / 1.2V
1.6A / 1.0A / 0.8A
1.2V
TPS650243RHB
1.55V / 1.6V
0.8A / 1.6A / 0.8A
1.2V
TPS650244RHB
0.9V / 1.1V
1.0A / 0.8A / 0.8A
1.1V
TPS650245RHB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RHB package is available in tape and reel. Add R suffix (TPS650240RHBR) to order quantities of 3000 parts per reel. Add T suffix
(TPS650240RHBT) to order quantities of 250 parts per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range on all pins except A/PGND pins with respect to AGND
–0.3 to 7
V
Current at VINDCDC1, L1, PGND1, VINDCDC2, L2, PGND2, VINDCDC3, L3, PGND3
2000
mA
Peak current at all other pins
1000
mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
Tst
Storage temperature
–65 to 150
°C
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE(1)
RθJA
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
RHB
35K/W
2.85W
28mW/K
1.57W
1.14W
(1)
The thermal resistance junction to ambient of the RHB package is measured on a high K board. The thermal resistance junction to
power pad is 1.5k/W.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650240RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240RHBR TI-TPS650240RHBR Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBR TI-TPS650240RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBR TI1-TPS650240RHBR Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBRG4 TI-TPS650240RHBRG4 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBRG4 TI-TPS650240RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650240RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com