Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC154 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC154
Description  4 TO 16 LINE DECODER/DEMULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC154 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC154 Datasheet HTML 1Page - STMicroelectronics M74HC154 Datasheet HTML 2Page - STMicroelectronics M74HC154 Datasheet HTML 3Page - STMicroelectronics M74HC154 Datasheet HTML 4Page - STMicroelectronics M74HC154 Datasheet HTML 5Page - STMicroelectronics M74HC154 Datasheet HTML 6Page - STMicroelectronics M74HC154 Datasheet HTML 7Page - STMicroelectronics M74HC154 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ.
Max.
Min.
Max.
tTLH
tTHL
Output Transition Time
2.0
30
75
95
ns
4.5
8
15
19
6.0
7
13
16
tPLH
tPHL
Propagation Delay Time
(A, B, C, D - Y)
2.0
65
175
220
ns
4.5
19
35
44
6.0
16
30
37
tPLH
tPHL
Propagation Delay Time
(G1, G2 - Y)
2.0
55
160
200
ns
4.5
17
32
40
6.0
15
27
34
CIN
Input Capacitance
5
10
10
pF
CPD (*)
Power Dissipation Capacitance
57
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
SWITCHING CHARACTERISTICS TEST
CIRCUIT
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
M74HC154
5/8


Similar Part No. - M74HC154

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
M74HC151 STMICROELECTRONICS-M74HC151 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
M74HC151B1R STMICROELECTRONICS-M74HC151B1R Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
M74HC151B1R STMICROELECTRONICS-M74HC151B1R Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
M74HC151C1R STMICROELECTRONICS-M74HC151C1R Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
More results

Similar Description - M74HC154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com