Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2800-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2800-EP
Description  LOW-POWER BICMOS CURRENT-MODE PWM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2800-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2800-EP Datasheet HTML 2Page - Texas Instruments UCC2800-EP Datasheet HTML 3Page - Texas Instruments UCC2800-EP Datasheet HTML 4Page - Texas Instruments UCC2800-EP Datasheet HTML 5Page - Texas Instruments UCC2800-EP Datasheet HTML 6Page - Texas Instruments UCC2800-EP Datasheet HTML 7Page - Texas Instruments UCC2800-EP Datasheet HTML 8Page - Texas Instruments UCC2800-EP Datasheet HTML 9Page - Texas Instruments UCC2800-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UCC2800/2801/2802/2803/2804/2805EP
LOW POWER BICMOS CURRENT MODE PWM
SGLS135E − SEPTEMBER 2002 − REVISED DECEMBER 2007
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = −40_C to 125_C for Q temp and TA= −55_C to 125_C for M temp, VCC
= 10 V (see Note 1), RT = 100 kΩ from REF to RC, CT = 330 pF from RC to GND, 0.1 F capacitor from
VCC to GND, 0.1 F capacitor from VREF to GND and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
UCC280XQ,
UCC280XM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Undervoltage Lockout Section
UCC2800
6.6
7.2
7.8
Start threshold
See Note 6
UCC2801
8.6
9.4
10.2
V
Start threshold
See Note 6
UCC2802/04
11.5
12.5
13.5
V
UCC2803/05
3.7
4.1
4.5
UCC2800
6.3
6.9
7.5
Stop threshold
See Note 6
UCC2801
6.8
7.4
8
V
Stop threshold
See Note 6
UCC2802/04
7.6
8.3
9
V
UCC2803/05
3.2
3.6
4
UCC2800
0.12
0.3
0.48
Start to stop hysteresis
UCC2801
1.6
2
2.4
V
Start to stop hysteresis
UCC2802/04
3.5
4.2
5.1
V
UCC2803/05
0.2
0.5
0.8
Soft Start Section
COMP rise time
FB = 1.8 V, Rise from 0.5 V to REF − 1 V
4
10
ms
Overall Section
Start-up current
VCC < Start threshold
0.1
0.2
mA
Operating supply current
FB = 0 V, CS = 0 V
0.5
1
mA
VCC internal zener voltage
ICC = 10 mA, See Note 6 and Note 8
12
13.5
15
V
VCC internal zener voltage minus start threshold voltage
See Note 6
UCC2802/04
0.5
1
V
NOTES:
1. Adjust VCC above the start threshold before setting at 10 V.
2. Oscillator frequency for the UCC2800, UCC2802, and UCC2803 is the output frequency.
Oscillator frequency for the UCC2801, UCC2804, and UCC2805 is twice the output frequency.
3. Gain is defined by:
A =
DVCOMP
DVCS
0
v VCS v 0.8 V
4. Parameter measured at trip point of latch with Pin 2 at 0 V
5. Total variation includes temperature stability and load regulation.
6. Start threshold, stop threshold, and zener shunt thresholds track one another.
7. Not production tested
8. The device is fully operating in clamp mode as the forcing current is higher than the normal operating supply current.


Similar Part No. - UCC2800-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI1-UCC2800-EP Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
More results

Similar Description - UCC2800-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1800 TI-UCC1800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com