Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP940 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP940
Description  940.5MHz RF SAW Filter 39MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP940 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP940 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP940 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP940 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP940 Datasheet HTML 4Page - List of Unclassifed Manufacturers SP940 Datasheet HTML 5Page - List of Unclassifed Manufacturers SP940 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP940
Rev. Date
2006-7-17
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/6
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
940.5MHz RF SAW Filter
39MHz Bandwidth
Part Number: SP940
D.OUTLINE DRAWING:
: Year Code
(2006->6, …, 2009->9)
□: Date Code (Follow the table from planner each year)
E.PCB Footprint


Similar Part No. - SP940

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP940 SIPAT-SP940 Datasheet
690Kb / 6P
   940.5MHz RF SAW Filter 39MHz Bandwidth
SP940 SIPAT-SP940 Datasheet
696Kb / 6P
   940.5MHz RF SAW Filter 39MHz Bandwidth
More results

Similar Description - SP940

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP940 SIPAT-SP940 Datasheet
696Kb / 6P
   940.5MHz RF SAW Filter 39MHz Bandwidth
SP940 SIPAT-SP940 Datasheet
690Kb / 6P
   940.5MHz RF SAW Filter 39MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0460C TAI-SAW-TA0460C Datasheet
591Kb / 7P
   SAW Filter 940.5MHz
TA0460A TAI-SAW-TA0460A Datasheet
293Kb / 6P
   SAW Filter 940.5MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
SP43302 SIPAT-SP43302 Datasheet
549Kb / 8P
   433.92MHz RF SAW Filter 0.6MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
551Kb / 8P
   433.92MHz RF SAW Filter 1.7MHz Bandwidth
SP88201 SIPAT-SP88201 Datasheet
545Kb / 8P
   881.5MHz RF SAW Filter 25MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
557Kb / 8P
   433.92MHz RF SAW Filter 1.7MHz Bandwidth
SP83701 SIPAT-SP83701 Datasheet
545Kb / 8P
   836.5MHz RF SAW Filter 25MHz Bandwidth
logo
List of Unclassifed Man...
SP88201 ETC-SP88201 Datasheet
545Kb / 8P
   881.5MHz RF SAW Filter 25MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com