Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S401408 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S401408
Description  Power Side Lighting LED with Reflector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S401408 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S401408 Datasheet HTML 3Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 4Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 5Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 6Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 7Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 8Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 9Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 10Page - List of Unclassifed Manufacturers S401408 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AVA Technology
S401408
Doc. No. : RD-EDS-0024
Version 1.1
Date: 2007.01.02
Page: 6 of 14
®
* Chromaticity Coordinates (CIE 1931 system)
9. FORWARD VOLTAGE
IF @ 15mA
Bin
VF(Volt)
Vb
2.80-2.90
Va
2.90-3.00
V0
3.00-3.10
V1
3.10-3.20
V2
3.20-3.30
V3
3.30-3.40
*VF tolerance ±0.05V


Similar Part No. - S401408

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4010D TECCOR-S4010D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4010D LITTELFUSE-S4010D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4010D LITTELFUSE-S4010D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S4010D LITTELFUSE-S4010D Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S4010D ETC2-S4010D Datasheet
218Kb / 12P
   RoHS Compliant
More results

Similar Description - S401408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S281208 ETC2-S281208 Datasheet
332Kb / 15P
   Power Side Lighting LED with Reflector
S381206 ETC2-S381206 Datasheet
345Kb / 15P
   Power Side Lighting LED with Reflector
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SSWM81EB0 SEOUL-SSWM81EB0 Datasheet
1Mb / 18P
   Side View LEd Of Reflector Type
SWBF0B SEOUL-SWBF0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SWFB07 SEOUL-SWFB07 Datasheet
1Mb / 17P
   Side View LED of Reflector type
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
Rohm
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
logo
Seoul Semiconductor
SWDB05V SEOUL-SWDB05V Datasheet
1Mb / 19P
   Side View LED of Reflector type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com