Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9224B082AR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9224B082AR
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9224B082AR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9224B082AR Datasheet HTML 1Page - Torex Semiconductor XC9224B082AR Datasheet HTML 2Page - Torex Semiconductor XC9224B082AR Datasheet HTML 3Page - Torex Semiconductor XC9224B082AR Datasheet HTML 4Page - Torex Semiconductor XC9224B082AR Datasheet HTML 5Page - Torex Semiconductor XC9224B082AR Datasheet HTML 6Page - Torex Semiconductor XC9224B082AR Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet
2
DC000019
XC9223/9224 Series
1A Driver Transistor Built-In Step-Down DC/DC Converters
Preliminary
PIN CONFIGURATION
MSOP-10
USP-10
(TOP VIEW)
(BOTTOM VIEW)
* Please short the AGND pin and the PGND pin
(pin no. 3 and 10) before use.
* For mounting intensity and heat dissipation, please
refer to recommended mounting pattern and
recommended metal mask when soldering the pad
of USP-10.
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
1
VIN
Input
2
VDIN
Voltage Detector Input
3
AGND
Analog Ground
4
VDOUT
VD Output
5
FB
Output Voltage Monitor
6
LIM
Over Current Limit Setting
7
MODE/SYNC
Mode Switch / External Clock Input
8
CE
Chip Enable
9
LX
Switch
10
PGND
Power Ground
PRODUCT CLASSIFICATION
Ordering Information
XC9223B
12345
<The CE pin is commonly used in the DC/DC block and the VD block.>
XC9224B
12345
<No CE pin in the VD block. (The VD block is constantly operated.)>
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
1 2
Reference Voltage
08
: Fixed voltage
1
: 1.0 MHz
3
DC/DC Oscillation Frequency
2
: 2.0 MHz
A
: MSOP-10
4
Package
D
: USP-10
R
: Embossed tape, Standard feed
5
Device Orientation
L
: Embossed tape, Reverse feed
VIN 1
VDIN 2
AGND 3
VDOUT 4
FB 5
10 PGND
9 LX
8 CE
7 MODE/SYNC
6 LIM
1 VIN
2 VDIN
3 AGND
4 VDOUT
5 FB
PGND 10
LX 9
CE 8
MODE/SYNC 7
LIM 6


Similar Part No. - XC9224B082AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9224 TOREX-XC9224 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9224B082AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com