Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2804QDREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2804QDREP
Description  LOW-POWER BICMOS CURRENT-MODE PWM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2804QDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2804QDREP Datasheet HTML 4Page - Texas Instruments UCC2804QDREP Datasheet HTML 5Page - Texas Instruments UCC2804QDREP Datasheet HTML 6Page - Texas Instruments UCC2804QDREP Datasheet HTML 7Page - Texas Instruments UCC2804QDREP Datasheet HTML 8Page - Texas Instruments UCC2804QDREP Datasheet HTML 9Page - Texas Instruments UCC2804QDREP Datasheet HTML 10Page - Texas Instruments UCC2804QDREP Datasheet HTML 11Page - Texas Instruments UCC2804QDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UCC2800/2801/2802/2803/2804/2805EP
LOW POWER BICMOS CURRENT MODE PWM
SGLS135E − SEPTEMBER 2002 − REVISED DECEMBER 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed descriptions (continued)
RC
RC is the oscillator timing pin. For fixed frequency operation, set timing capacitor charging current by connecting
a resistor from REF to RC. Set frequency by connecting timing capacitor from RC to GND. For the best
perfomance, keep the timing capacitor lead to GND as short and direct as possible. If possible, use separate
ground traces for the timing capacitor and all other functions.
The frequency of oscillation can be estimated with the following equations:
UCC2800 01 02 04 : F
+ 1.5
R
C
UCC2803 UCC2805 : F
+ 1.0
R
C
where frequency is in Hz, resistance is in ohms, and capacitance is in farads. The recommended range of timing
resistors is between 10k and 200k and timing capacitor is 100 pF to 1000 pF. Never use a timing resistor less
than 10k.
To prevent noise problems, bypass VCC to GND with a ceramic capacitor as close to the VCC pin as possible.
An electrolytic capacitor may also be used in addition to the ceramic capacitor.
voltage reference (REF)
REF is the voltage reference for the error amplifier and also for many other functions on the IC. REF is also used
as the logic power supply for high speed switching logic on the IC.
When VCC is greater than 1 V and less than the UVLO threshold, REF is pulled to ground through a 5 kΩ resistor.
This means that REF can be used as a logic output indicating power system status. It is important for reference
stability that REF is bypassed to GND with a ceramic capacitor as close to the pin as possible. An electrolytic
capacitor may also be used in addition to the ceramic capacitor. A minimum of 0.1
µF ceramic is required.
Additional REF bypassing is required for external loads greater than 2.5 mA on the reference.
To prevent noise problems with high speed switching transients, bypass REF to ground with a ceramic capacitor
close to the IC package.
power (VCC)
VCC is the power input connection for this device. In normal operation, VCC is powered through a current limiting
resistor. Although quiescent VCC current is very low, total supply current will be higher, depending on the OUT
current. Total VCC current is the sum of quiescent VCC current and the average OUT current. Knowing the
operating frequency and the MOSFET gate charge (Qg), average OUT current can be calculated from:
I
OUT + Qg
F
(1)
(2)


Similar Part No. - UCC2804QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2804QDREP TI-UCC2804QDREP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2804QDREP TI-UCC2804QDREP Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results

Similar Description - UCC2804QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1800 TI-UCC1800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com