Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME285MB6100MR30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PME285MB6100MR30
Description  EMI suppressor, class X2, metallized paper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PME285MB6100MR30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PME285MB6100MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME285MB6100MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
171
PME285
ORDERING INFORMATION
PACKING
Capacitors in standard design (lead length
30 mm) and with lead length 5 or 6 mm are
packed bulk in a box with dimensions 245
x 145 x 80 mm. Quantity/package as per
article table.
Reels with taped capacitors are packed 10
in a box with dimension 370 x 370 x 560
mm. The standard quantity/reel is for 360
mm reel. If 500 mm reel is required, it must
be specified when ordering and the
quantity is 2 x the given quantity.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Rated voltage
• X2
• SH, for self healing
• Climatic category according to
IEC 60068-1, appendix A
• Passive flammability class
• Approval marks
• Manufacturing code (year, month)
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
S
EN 132400
9913230/01
N
EN 132400
P99100775
D
EN 132400
DK99-01442
Fl
EN 132400
207513
VDE
EN 132400
121167
SEV
EN 132400
99.7 70302.01
IMQ
EN 132400
V 4756
UL
UL 1283 (U
R=250 VAC)
E 100117
UL 1414 (U
R=250 VAC)
E 73869
CSA
C 22.2 No. 1
53108
ARTICLE TABLE
0.0010
4.5
9.5
13.0
10.0
800
1600
700
0.9
55
1200
√√√√ √ √√√√
PME285MA4100MR30
0.0015
4.5
9.5
13.0
10.0
800
1600
700
0.9
45
1200
√√√√ √ √√√√
PME285MA4150MR30
0.0022
4.5
9.5
13.0
10.0
800
1600
700
0.9
38
1200
√√√√ √ √√√√
PME285MA4220MR30
0.0033
4.5
9.5
13.0
10.0
800
1600
700
0.9
32
1200
√√√√ √ √√√√
PME285MA4330MR30
0.0047
4.5
9.5
13.0
10.0
800
1600
700
0.9
27
1200
√√√√ √ √√√√
PME285MA4470MR30
0.0068
4.5 10.5
13.0
10.0
800
1600
700
1.1
22
1200
√√√√ √ √√√√
PME285MA4680MR30
0.010
5.5 10.5
18.0
15.0
500
1000
600
1.5
15
1200
√√√√ √ √√√√
PME285MB5100MR30
0.015
5.5 11.5
18.0
15.0
500
1000
600
1.6
12
1200
√√√√ √ √√√√
PME285MB5150MR30
0.022
5.5 11.5
18.0
15.0
500
1000
600
1.6
10
1200
√√√√ √ √√√√
PME285MB5220MR30
0.033
5.5 13.0
18.0
15.0
500
1000
600
1.9
8.4
1200
√√√√ √ √√√√
PME285MB5330MR30
0.047
7.5 12.5
18.0
15.0
400
800
400
2.3
6.5
1200
√√√√ √ √√√√
PME285MB5470MR30
0.068
7.5 15.0
18.0
15.0
400
600
400
2.9
4.7
1200
√√√√ √ √√√√
PME285MB5680MR30
0.10
8.5 17.0
18.0
15.0
250
400
400
3.6
4.5
600
√√√√ √ √√√√
PME285MB6100MR30
Quantity per package
Approvals
Capaci- Max dimensions
reel
Max
tance
in mm
R30
R06
taped
Weight f
O
dU/dt
Article code
µ F
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
The article code for the standard part is given in the article table.
For other options, see page 21.


Similar Part No. - PME285MB6100MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
PME261E ETC2-PME261E Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Kemet Corporation
PME261EA4220KR19T0 KEMET-PME261EA4220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 2200 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA4680KR19T0 KEMET-PME261EA4680KR19T0 Datasheet
62Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA5100JR30 KEMET-PME261EA5100JR30 Datasheet
1Mb / 13P
   PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
More results

Similar Description - PME285MB6100MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com