Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78F651NCP Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM78F651NCP
Description  8-Bit Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NCP Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78F651NCP Datasheet HTML 1Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 2Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78F651NCP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 1
(This specification is subject to change without further notice)
1
General Description
The EM78F651N is an 8-bit microprocessor designed and developed with low-power, high-speed CMOS technology
and high noise immunity. It has an on-chip 1K
×13-bit Electrical Flash Memory and 128×8-bit in system programmable
EEPROM. It provides three protection bits to prevent intrusion of user’s Flash memory code. Twelve Code option bits
are also available to meet user’s requirements.
With its enhanced Flash-ROM feature, the EM78F651N provides a convenient way of developing and verifying user’s
programs.
Moreover, this Flash-ROM device offers the advantages of easy and effective program updates, using
development and programming tools. User can avail of the ELAN Writer to easily program his development code.
2
Features
CPU configuration
1K×13 bits on chip ROM
80×8 bits on chip registers (SRAM)
128 bytes in-system programmable EEPROM
*Endurance: 100,000 write/erase cycles
More than 10 years data retention
5-level stacks for subroutine nesting
Less than 2 mA at 5V/4MHz
Typically 20 µA, at 3V/32kHz
Typically 2 µA, during sleep mode
I/O port configuration
2 bidirectional I/O ports
Wake-up port : P6
8 Programmable pull-down I/O pins
8 programmable pull-high I/O pins
8 programmable open-drain I/O pins
External interrupt : P60
Operating voltage range:
Operating voltage: 2.2V~5.5V at -40°C ~85°C
(Industrial)
Operating frequency range (base on two clocks):
Crystal mode:
DC ~ 20MHz @ 5V
DC ~ 8MHz @ 3V
DC ~ 4MHz @ 2.2V
ERC mode:
DC ~ 16MHz @ 5V
DC ~ 8MHz @ 3V
DC ~ 4MHz @ 2.2V
IRC mode:
DC ~ 16MHz @ 4.5V~5.5V
DC ~ 4MHz @ 2.2V~5.5V
Three available interrupts:
TCC overflow interrupt
Input-port status changed interrupt (wake-up from
sleep mode)
External interrupt
Peripheral configuration
8-bit real time clock/counter (TCC) with selective signal
sources, trigger edges, and overflow interrupt
Power down (Sleep) mode
*Vdd power monitor and supports low voltage detector
interrupt flag
4 programmable Level Voltage Detector (LVD)
Three security registers to prevent intrusion of Flash
memory codes
One configuration register to accommodate user’s
requirements
2/4/8/16 clocks per instruction cycle selected by code
option
Single instruction cycle commands
Four Crystal range in Oscillator Mode
Crystal Range
Oscillator Mode
20MHz ~ 6MHz
HXT
6MHz ~ 1MHz
XT
1MHz ~ 100kHz
LXT1
32.768kHz
LXT2
Programmable free running watchdog timer
Package type:
14-pin DIP 300mil
:
EM78F651NAPxS/xJ
14-pin SOP 150mil
:
EM78F651NAMxS/xJ
16-pin DIP 300mil
:
EM78F651NABPxS/xJ
16-pin SOP 300mil
:
EM78F651NABMxS/xJ
18-pin DIP 300 mil
:
EM78F651NCPxS/xJ
18-pin SOP 300mil
:
EM78F651NCMxS/xJ
20-pin DIP 300mil
:
EM78F651NDPxS/xJ
20-pin SSOP 209mil
:
EM78F651NDKMxS/XJ
Green products do not contain hazardous substances.


Similar Part No. - EM78F651NCP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78F652N EMC-EM78F652N Datasheet
52Kb / 3P
   8-Bit Microcontroller
EM78F652NAM EMC-EM78F652NAM Datasheet
52Kb / 3P
   8-Bit Microcontroller
EM78F652NAP EMC-EM78F652NAP Datasheet
52Kb / 3P
   8-Bit Microcontroller
EM78F652NBM EMC-EM78F652NBM Datasheet
52Kb / 3P
   8-Bit Microcontroller
EM78F652NBP EMC-EM78F652NBP Datasheet
52Kb / 3P
   8-Bit Microcontroller
More results

Similar Description - EM78F651NCP

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com