Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2507GR Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2507GR Datasheet HTML 2Page - National Semiconductor (TI) LM2507GR Datasheet HTML 3Page - National Semiconductor (TI) LM2507GR Datasheet HTML 4Page - National Semiconductor (TI) LM2507GR Datasheet HTML 5Page - National Semiconductor (TI) LM2507GR Datasheet HTML 6Page - National Semiconductor (TI) LM2507GR Datasheet HTML 7Page - National Semiconductor (TI) LM2507GR Datasheet HTML 8Page - National Semiconductor (TI) LM2507GR Datasheet HTML 9Page - National Semiconductor (TI) LM2507GR Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Recommended Input Timing Requirements (Continued)
Note 5: Total Supply Current Conditions: CPU Mode, worse case data pattern, 19.2MHz CLK, DES CL = 15pF, TYP – VDDIO =VDDA =VDDcore = 1.8V, MAX – VDDIO
= 3.0V and VDDA =VDDcore = 2.0V.
Note 6: Applies to WR* and RD* outputs only..
Note 7: Maximum transition time is a function of clock rate and should be less than 30% of the clock period to preserve signal quality.
Note 8: Guaranteed functionally by the IDDZ parameter. See also Figure 7.
Note 9: This is a functional parameter and is guaranteed by design or characterization.
Timing Diagrams
Functional Description
BUS OVERVIEW
The LM2507 is a dual link MST/SLV configurable part that
supports a 8, 9 or 16-bit CPU (i80 style) interface. The MPL
physical layer is purpose-built for an extremely low power
and low EMI data transmission while requiring the fewest
number of signal lines. No external line components are
required, as termination is provided internal to the MPL
receiver. A maximum raw throughput of 320 Mbps (raw) is
possible with this chipset. When the protocol overhead is
taken into account, a maximum data throughput of 240 Mbps
is possible. The MPL interface is designed for use with
common 50
Ω to 100Ω lines using standard materials and
connectors. Lines may be microstrip or stripline construction.
Total length of the interconnect is expected to be less than
20cm.
SERIAL BUS TIMING
Data valid is relative to both edges for a CPU WRITE as
shown in Figure 4. Data valid is specified as: Data Valid
before Clock, Data Valid after Clock, and Skew between
data lines should be less than 500ps.
20186016
FIGURE 1. Serial Data Valid — SLV Input Set and Hold Time
20186018
FIGURE 2. SLV Output Rise and Fall Time
20186002
FIGURE 3. MPL Point-to-Point Bus
www.national.com
6


Similar Part No. - LM2507GR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM250 STMICROELECTRONICS-LM250 Datasheet
103Kb / 7P
   THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
March 1993
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005 Datasheet
949Kb / 28P
[Old version datasheet]   LM25005 42V, 2.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005MH NSC-LM25005MH Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
More results

Similar Description - LM2507GR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com