Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLB160808-0060BM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLB160808-0060BM
Description  MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLB160808-0060BM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLB160808-0060BM Datasheet HTML 1Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 2Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 3Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 4Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 5Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 6Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 7Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 8Page - List of Unclassifed Manufacturers MLB160808-0060BM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MULTI LAYER TYPE
14
HIGH CURRENT FERRITE CHIP BEAD
• Impedance Range: 30 to 1300
Ω.
• Operating Temperature Range: -55°C to +125°C.
• Soldering Method: Reflow or Wave Soldering, suitable for lead free soldering.
• Packaging Method: Tape & Reel (per EIA Specifications).
• Storage Temperature: max. 40°C, RH 70%.
• ROHS compliant.
Features
• Combination of high frequency noise suppression with capability of handling high current.
• Current ratings up to 6 Amps with low DCR.
Application Field
• High current DC power lines, Circuits where a Stable ground in unavailable.
Part Number Code
Shape and Dimensions
MLB
160808 -
0060
P
N
Series Name
Size Code
Impedance
Classification
Rated Current
(ex.0010 =10
± 25%)
(A, B, and P)
unit mm
Size code
Size
Length(L)
Width (W)
Thickness (T)
Electrode Width (E)
0603
160808
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
0805
201209
2.0±0.2
1.25±0.2
0.9±0.2
0.5±0.3
1206
311611
3.2±0.2
1.6±0.2
1.1±0.2
0.5±0.3
1210
322513
3.2±0.2
2.5±0.2
1.3±0.2
0.5±0.3
1806
451616
4.5±0.25
1.6±0.2
1.6±0.2
0.6±0.4
1812
453215
4.5±0.25
3.2±0.25
1.5±0.25
0.6±0.4
L= 1000mA Q= 3000mA
M= 1500mA R= 4000mA
N= 2000mA U= 5000mA
P= 2500mA W= 6000mA


Similar Part No. - MLB160808-0060BM

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB10 ALLIED-MLB10 Datasheet
772Kb / 1P
   Multilayer Ferrite Beads
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
772Kb / 1P
   Multilayer Ferrite Beads
MLB10-070-RC ALLIED-MLB10-070-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
MLB10-070-RC ALLIED-MLB10-070-RC Datasheet
772Kb / 1P
   Multilayer Ferrite Beads
More results

Similar Description - MLB160808-0060BM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com